Electronic Components Datasheet Search
  English  ▼

X  

PV0230 Datasheet(PDF) 2 Page - Alpha Wire

Part # PV0230
Description  Customer Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PV0230 Datasheet(HTML) 2 Page - Alpha Wire

  PV0230 Datasheet HTML 1Page - Alpha Wire PV0230 Datasheet HTML 2Page - Alpha Wire PV0230 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Physical & Mechanical Properties
1) Temperature Range
-40 to 90°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
522 Lbs, Maximum
4) Sunlight Resistance
Yes
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
2000 VRMS
2) Inductance
0.03 µH/ft, Nominal
3) Conductor DCR
0.17 /1000ft @20°C, Nominal
4) Current
190 amps per conductor @30°C, Maximum
Other
Packaging
Flange x Traverse x Barrel (inches)
a) 1000 FT
30 x 14 x 12 Continuous length
b) 100 FT
16 x 11 x 8 Continuous length
[Spool dimensions may vary slightly]
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not
ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out
of or in connection with the use, or inability to use, the information or specifications described herein.
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
RoHS CERTIFICATE OF COMPLIANCE
To Whom It May Concern:
Alpha Wire Part Number:PV0230
PV0230 , RoHS-Compliant Commencing With7/24/2009Production
This document certifies that the Alpha part numbers cited above are manufactured in accordancewith Directive 2002/95/EC of the European
Parliament and of the Council of 27 January 2003,better known as the RoHS Directives, with regards to restrictions of the use of certain
hazardoussubstances used in the manufacture of electrical and electronic equipment. The reader is referredto these Directives for the specific
definitions and extents of these Directives. No Exemptions arerequired for RoHS Compliance on this item.
Substance
Maximum Control Value
Lead
0.1% by weight (1000 ppm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com