Electronic Components Datasheet Search
  English  ▼

X  

LMV321IDBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321IDBVR
Description  Works with low cost MSP430 based LaunchPad platform
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321IDBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV321IDBVR Datasheet HTML 7Page - Texas Instruments LMV321IDBVR Datasheet HTML 8Page - Texas Instruments LMV321IDBVR Datasheet HTML 9Page - Texas Instruments LMV321IDBVR Datasheet HTML 10Page - Texas Instruments LMV321IDBVR Datasheet HTML 11Page - Texas Instruments LMV321IDBVR Datasheet HTML 12Page - Texas Instruments LMV321IDBVR Datasheet HTML 13Page - Texas Instruments LMV321IDBVR Datasheet HTML 14Page - Texas Instruments LMV321IDBVR Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.ti.com
Schematics, Layout and Bill of Materials
Table 2. 430Boost-TPL0401EVM Bill of Material (continued)
Qty
RefDes
Value
Description
Part Number
MF
Notes
2
J1-2
PPTC101LFBN-RC
Header, Female 10-pin, 100mil spacing,
PPTC101LFBN-RC
Sullins
1
J9
Header, Male 2x3-pin, 100mil spacing
Sullins
DNI
2
R15-16
100k
Resistor, Chip, 1/16W 5%
10
R1-4 R11
10k
Resistor, Chip, 1/16W 5%
R13-14
R17-19
5
R5-9
200
Resistor, Chip, 1/16W 1%
1
R10
250
Resistor, Chip, 1/16W, 1%
1
R12
{value}
Resistor, Chip, 1/16W, 5%
DNI
1
TP2
5001
Test Point, Black, Thru Hole Color Keyed
5001
Keystone
1
TP1
5013
Test Point, Orange, Thru Hole
5013
Keystone
4
S1-4
EVQ221304M
Switch, SPST, 20-mA, 15-V
EVQ21304M;
Panasonic
Prefer
EVQ21305R;
EVQ21304M if
EVQ21307K
unavailable use
305R or 307K
1
U3
LMV321IDBVR
IC Low Power Single Op-amp
LMV321IDBVR
TI
1
U4
TCA5405RUG
IC, Low Voltage 5-Bit Self-Timed, Single-Wire
TCA5405RUG
TI
Output Expander
1
U2
TCA7408ZSZ
IC, Low-Voltage 8-Bit I2C and SMBus I/O
TCA7408ZSZ
TI
Expander
1
U1
TLC59108RGY
IC, 8-BIT Fm+ I2C-Bus Constant-Current LED
TLC59108RGY
TI
Sink Driver
1
U5
TPL0401ADCK
IC, Digital POT, 1Chan, 128Tap
TPL0401ADCK
TI
1
U6
TPL0401BDCK
IC, Digital POT, 1Chan, 128Tap
TPL0401BDCK
TI
13
SLIU008
– September 2011
TPL0401EVM
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com