Electronic Components Datasheet Search
  English  ▼

X  

APAX-5071 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # APAX-5071
Description  PROFINET Communication Coupler
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

APAX-5071 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  APAX-5071 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Programmable Automation Controllers
APAX-5073
Specifications
General
ƒ
Certification
CE, FCC class A
ƒ
Dimension (W x H x D)
30 x 139 x 100 mm
ƒ
Enclosure
ABS+PC
ƒ
Weight
180 g
ƒ
Connector
2 x RJ-45 (2-channel switch, share same IP
address)
ƒ
Power Consumption
2 W @ 5 VDC (typical)
Communication
ƒ
Protocol
PROFINET RT
ƒ
Connected I/O Modules
32 (max.)*
ƒ
Digital Signals
768 (max.)
ƒ
Analog Signals
192 (max.)
ƒ
Data Transfer Rates
10/100 Mbps
ƒ
APAX IO Topology
Line or Star
Environment
ƒ
Operating Temperature
-10 ~ 60°C (mounted vertically)
ƒ
Storage Temperature
-40 ~ 85°C
ƒ
Relative Humidity
5 ~ 95% (non-condensing)
ƒ
Shock Protection
10 G @ wall mount, half sine, 11 ms
(Confirms to IEC 60068-2-27)
ƒ
Vibration Protection
1 Grms @ 5 ~ 500 Hz (Random, operating, 1
hr/axis)
2 G @ 5 ~ 500 Hz (Sine, non-operating, 1 hr/
axis)
(Confirms to IEC 60068-2-64 and IEC 60068-2-
6)
Ordering Information
ƒ
APAX-5071
PROFINET Communication Coupler
Accessories
ƒ
APAX-5002
2-slot Backplane Module
ƒ
APAX-5343E
Power Supply for APAX Expansion Module
APAX-5071
APAX-5073
PROFINET Communication Coupler
PROFIBUS Communication Coupler
Specifications
General
ƒ
Certification
CE, FCC class A
ƒ
Dimension (W x H x D)
30 x 139 x 100 mm
ƒ
Enclosure
ABS+PC
ƒ
Weight
180 g
ƒ
Connectors
DB-9
ƒ
Power Consumption
2 W @ 5 VDC (typical)
Communications
ƒ
Protocol
PROFIBUS-DP
ƒ
Connected I/O Modules
32 (max.)*
ƒ
Digital Signals
768 (max.)
ƒ
Analog Signals
192 (max.)
ƒ
Data Transfer Rates
12Mbits/s
ƒ
APAX IO Topology
Line or Star
ƒ
Isolation Protection
2,500 VAC
Environment
ƒ
Operating Temperature
-10 ~ 60°C (mounted vertically)
ƒ
Storage Temperature
-40 ~ 85°C
ƒ
Relative Humidity
5 ~ 95% (non-condensing)
ƒ
Shock Protection
10 G @ wall mount, half sine, 11 ms
(Confirms to IEC 60068-2-27)
ƒ
Vibration Protection
1 Grms @ 5 ~ 500 Hz (Random, operating, 1
hr/axis)
2 G @ 5 ~ 500 Hz (Sine, non-operating, 1 hr/
axis)
(Confirms to IEC 60068-2-64 and IEC 60068-2-
6)
Ordering Information
ƒ
APAX-5073
PROFIBUS Communication Coupler
Accessories
ƒ
APAX-5002
2-slot Backplane Module
ƒ
APAX-5343E
Power Supply for APAX Expansion Module
APAX-5071
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
*APAX DI/O modules can use ID number 0 ~ 31, while AI/O modules and counter modules can only use ID numbers 0 ~ 15
NEW
NEW


Similar Part No. - APAX-5071

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5071 ADVANTECH-APAX-5071 Datasheet
242Kb / 1P
Modbus/TCP Communication Coupler
More results

Similar Description - APAX-5071

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5073 ADVANTECH-APAX-5073 Datasheet
985Kb / 1P
PROFIBUS Communication Coupler
APAX-5070 ADVANTECH-APAX-5070_15 Datasheet
242Kb / 1P
Modbus/TCP Communication Coupler
logo
WAGO Kontakttechnik Gmb...
750-377 WAGO-750-377 Datasheet
613Kb / 11P
Fieldbus Coupler PROFINET IO; 3rd Generation; ECO Advanced
750-375 WAGO-750-375 Datasheet
695Kb / 12P
Fieldbus Coupler PROFINET IO; 3rd Generation; Advanced
750-377-025-000 WAGO-750-377-025-000 Datasheet
495Kb / 11P
Fieldbus Coupler PROFINET IO; 3rd Generation; Ext. Temperature
750-340 WAGO-750-340 Datasheet
412Kb / 11P
Fieldbus Coupler PROFINET IO; 1st Generation
logo
Weidmuller
2659680000 WEIDMULLER-2659680000 Datasheet
374Kb / 4P
Remote I/O fieldbus coupler, PROFINET RT
November 4, 2021
logo
Schneider Electric
VW3A3627 SCHNEIDER-VW3A3627 Datasheet
91Kb / 2P
Profinet communication module
Sep 18, 2021
TPRBCPFN SCHNEIDER-TPRBCPFN Datasheet
114Kb / 3P
Bus coupler, TeSys island, PROFINET
May 9, 2022
VW3A3327 SCHNEIDER-VW3A3327 Datasheet
183Kb / 1P
Profinet - communication card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com