Electronic Components Datasheet Search
  English  ▼

X  

ASMB-782 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-782
Description  LGA 1155 Intel짰 Xeon짰 E3 V2 ATX Server Board with 2 PCIe x16 slots (x8 link), 2 PCIe x4, USB 3.0, PCIe Gen III, Quad LANs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-782 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-782 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-782 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ASMB-782
Ordering Information
Part Number
Chipset
Memory
LAN
USB 3.0
ASMB-782G2-00A1E
C216
DDR3 ECC UNB/
Non-ECC
2
4
ASMB-782G4-00A1E
C216
DDR3 ECC UNB/
Non-ECC
4
4
Packing List
Part Number
Description
Quantity
2066S78200
Driver CD
x 1
2006S78210
Startup manual
x 1
1700003194
SATA data cables
x 2
1703150102
SATA power cables
x 2
1960052312T000
I/O shield
x 1
Optional Accessories
Part Number
Description
1700002204
Dual port USB 2.0 cable (27 cm) with bracket
1700008461
Four port USB 2.0 cable (30.5 cm) with bracket
1960047669N001
LGA1155/1156 CPU cooler for 4U and wallmount chassis
1960047831N001
LGA1155/1156 CPU cooler for 2U and wallmount chassis
1960052651N001
LGA1155/1156 CPU cooler for 2U and wallmount chassis
1700008809
Printer port cable kit
1701090401
COM port cable with bracket
1700008822
DVI cable wtih bracket
1700020277-01
Dual port USB 3.0 cable with bracket
AIMB-AUDIO-HDA1E
HD Audio-Card
1960049408N001
LGA1155 1U CPU Cooler
19Z0000406T000
Rear I/O shield for ACP-1320 chassis
Note: Please order 1 piece of each 1960049408N001 and 19Z0000406T000 for configuring
ASMB-782 with ACP-1320 chassis.
Bracket View
ASMB-782G2-00A1E
ASMB-782G4-00A1E
Intel LGA 1155
Intel® Xeon® E3 /
E3 v2 / 2nd and
3rd Core™ i3 /
Pentium processors
Channel A
2 SATA III Ports
10 USB 2.0
Audio Codec
ALC892
64 Mbit
BIOS
Flash
Nuvoton
NCT6776
G-LAN1 :
Intel 82579LM (PHY)
Intel C216 PCH
G-LAN2 :
Intel 82574L
2 RS 232
1 LPT
DDR3 1066/1333/1600 ECC/Non-ECC
DDR3 1066/1333/1600 ECC/Non-ECC
DDR3 1066/1333/1600 ECC/Non-ECC
DDR3 1066/1333/1600 ECC/Non-ECC
Channel B
4 SATA II Ports
RAID 0, 1, 5, 10
4 USB 3.0
3 PCI slots
Gen 3.0
PCIe x8
Gen 3.0
One PCIe x16 slots (x8 link)
One PCIe x 4 slot
G-LAN3 :
Intel 82574L
G-LAN4 :
Intel 82574L
One PCIe x 4 slot
Level Shifter
VGA D-Sub
DVI Pin header
LPC
Connector
One PCIe x16 slots (x8 link)
Gen 3.0
PCIe x 1
Gen 2.0
PCIe x 1
Gen 2.0
PCIe x 1
Gen 2.0
PCIe x 1
Gen 2.0
USB 3.0
33MHz PCI
600MB/s
USB 2.0
HD Audio
300MB/s
DP
Gen 2.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com