Electronic Components Datasheet Search
  English  ▼

X  

5000 Datasheet(PDF) 30 Page - Texas Instruments

Part # 5000
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5000 Datasheet(HTML) 30 Page - Texas Instruments

Back Button 5000 Datasheet HTML 26Page - Texas Instruments 5000 Datasheet HTML 27Page - Texas Instruments 5000 Datasheet HTML 28Page - Texas Instruments 5000 Datasheet HTML 29Page - Texas Instruments 5000 Datasheet HTML 30Page - Texas Instruments 5000 Datasheet HTML 31Page - Texas Instruments 5000 Datasheet HTML 32Page - Texas Instruments 5000 Datasheet HTML 33Page - Texas Instruments 5000 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
ADS1299EEG-FE Analysis Tools
www.ti.com
Figure 32. Analysis : FFT Graph of Input Short Test
Coherent Frequency Calculator: 1
Coherent sampling in an FFT is defined as F
AIN/FSAMPLE = NWINDOW/NTOTAL, where:
•
F
AIN is the input frequency
•
FSAMPLE is the sampling frequency of the ADS1299
•
N
WINDOW is the number of odd integer cycles during a given sampling period
•
N
TOTAL is the number of data points (in powers of 2) that is used to create the FFT If the conditions for
coherent sampling can be met, the FFT results for a periodic signal will be optimized. The Ideal A
IN
Frequency is a value that is calculated based on the sampling rate, such that the coherent sampling
criteria can be met.
AC Analysis Parameters: 2
This section of the tool allows the user to dictate the number of harmonics, dc leakage bins, harmonic
leakage bins, and fundamental leakage bins that are used in the creation of various histograms. Pressing
the Windowing button, illustrated in Figure 33, allows the user to evaluate the FFT graph under a variety
of different windows. Note that pressing the Reference button toggles between dBFS (decibels, full-scale)
and dBc (decibels to carrier).
30
EEG Front-End Performance Demonstration Kit
SLAU443 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com