Electronic Components Datasheet Search
  English  ▼

X  

6462011 Datasheet(PDF) 50 Page - Texas Instruments

Part # 6462011
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6462011 Datasheet(HTML) 50 Page - Texas Instruments

Back Button 6462011 Datasheet HTML 46Page - Texas Instruments 6462011 Datasheet HTML 47Page - Texas Instruments 6462011 Datasheet HTML 48Page - Texas Instruments 6462011 Datasheet HTML 49Page - Texas Instruments 6462011 Datasheet HTML 50Page - Texas Instruments 6462011 Datasheet HTML 51Page - Texas Instruments 6462011 Datasheet HTML 52Page - Texas Instruments 6462011 Datasheet HTML 53Page - Texas Instruments 6462011 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
GPIO1
/RESET
/PWDN
SRB1
SRB2
C4
1uF
C9
100uF
C10
10uF
C1
1uF
C2
1uF
C3
1uF
C20
0.01uF
R3
0
C13
0.1uF
C14
0.1uF
C12
0.1uF
C5
1uF
C8
NI
C16
0.1uF
C6
1uF
C15
NI
C7
NI
C19
NI
VREFP
C33
NI
VDD
4
GND
2
Output
3
E/D
1
OSC1
HC735-2.048MHZ
AVDD
AVDD
AVDD
AVSS
AVSS
AVSS
BIAS_DRV
VREFP
AVSS
AVSS
AVSS
AVDD
AVDD
DVDD
C11
1uF
DVDD
CLKSEL
SPI_DRDY
SPI_OUT
GPIO2
SPI_CLK
SPI_CS
SPI_START
AVDD
SPI_IN
GPIO1
R6
10K
R7
10K
DVDD
BIAS_DRV
C22
NI
C21
NI
AVSS
AVDD
R4
NI
BIAS_SHD
BIAS_SHD
DVDD
VCAP3
/RESET
/PWDN
SPI_DRDY
GPIO4
SPI_OUT
GPIO2
GPIO3
SPI_CLK
SPI_CS
SPI_START
SPI_IN
CLKSEL
CLK
AVSS
C76
1uF
AVSS
AVSS
C77
1uF
AVSS
JP5
C17
1uF
C18
0.1uF
AVDD
1
3
4
U2
NI
/PWDN
DAISY_IN
GPIO3
GPIO4
DAISY_IN
GPIO3
GPIO4
DAISY_IN
1
2
3
4
5
6
7
8
9
10
J5
NI
JP18
EXT_CLK
EXT_CLK
TP11
TP12
TP1
TP2
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
R8
392K
TP3
IN8N
1
IN8P
2
IN7N
3
IN7P
4
IN6N
5
IN6P
6
IN5N
7
IN5P
8
IN4N
9
IN4P
10
IN3N
11
IN3P
12
IN2N
13
IN2P
14
IN1N
15
IN1P
16
DGND
33
DIN
34
START
38
CLK
37
/CS
39
SCLK
40
GPIO3
45
GPIO2
44
DOUT
43
GPIO4
46
/DRDY
47
DVDD
48
DGND
51
AVSS
32
DVDD
50
DGND
49
CLKSEL
52
RESV1
31
RESERVED
64
U1
ADS1299
C95
0.1uF
R75
10K
DVDD
C97
1uF
C99
1uF
JP7
REF_ELEC
JP6
BIAS_ELEC
R23
2M
R24
2M
AIN8N
AIN8P
AIN7N
AIN7P
AIN6N
AIN6P
AIN5N
AIN5P
AIN4N
AIN4P
AIN3N
AIN3P
AIN2N
AIN2P
AIN1N
AIN1P
C98
NI
R25
0
AVDD
AVSS
BIAS_ELEC
REF_ELEC
R5 NI
R1
NI
R2
NI
AVDD
AVSS
JP19
3
2
6
U4
OPA376
3
2
6
U11
OPA376
C23
1uF
C24
1uF
AVDD
AVSS
3
2
6
U4A
NI
AVDD
AVSS
3
2
6
U11A
NI
U11_3
U11_6
U11_6
U11_3
U4_6
U4_3
U4_6
U4_3
JP8
R18
NI
R16
NI
R17
NI
R15
0
R13
0
R14
0
Optional 8-MSOP driver
JP17
JP1
BIAS_ELEC
Bill of Materials, Layouts and Schematics
www.ti.com
9
Bill of Materials, Layouts and Schematics
This section contains the complete bill of materials, printed circuit board (PCB) layouts, and schematic
diagrams for the ADS1299EEG-FE.
NOTE:
Board layouts are not to scale. These are intended to show how the board is laid out; do not
use for manufacturing ADS1299EEG-FE PCBs.
9.1
ADS1299EEG-FE Front-End Board Schematics
Figure 59 through Figure 63 shown the schematic diagrams of the ADS1299EEG-FE.
Figure 59. ADS1299EEG-FC Schematic
50
EEG Front-End Performance Demonstration Kit
SLAU443 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com