Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM Cortex-A8 Microprocessors (MPUs)
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 51 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 47Page - Texas Instruments AM3359 Datasheet HTML 48Page - Texas Instruments AM3359 Datasheet HTML 49Page - Texas Instruments AM3359 Datasheet HTML 50Page - Texas Instruments AM3359 Datasheet HTML 51Page - Texas Instruments AM3359 Datasheet HTML 52Page - Texas Instruments AM3359 Datasheet HTML 53Page - Texas Instruments AM3359 Datasheet HTML 54Page - Texas Instruments AM3359 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 222 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717D – OCTOBER 2011 – REVISED MAY 2012
2.3.1
External Memory Interfaces
Table 2-11. External Memory Interfaces/DDR Signals Description
TYPE
SIGNAL NAME [1]
DESCRIPTION [2]
ZCE BALL [4]
ZCZ BALL [4]
[3]
ddr_a0
DDR SDRAM ROW/COLUMN ADDRESS
O
F3
F3
OUTPUT
ddr_a1
DDR SDRAM ROW/COLUMN ADDRESS
O
J2
H1
OUTPUT
ddr_a10
DDR SDRAM ROW/COLUMN ADDRESS
O
E2
F4
OUTPUT
ddr_a11
DDR SDRAM ROW/COLUMN ADDRESS
O
G4
F2
OUTPUT
ddr_a12
DDR SDRAM ROW/COLUMN ADDRESS
O
F4
E3
OUTPUT
ddr_a13
DDR SDRAM ROW/COLUMN ADDRESS
O
H1
H3
OUTPUT
ddr_a14
DDR SDRAM ROW/COLUMN ADDRESS
O
H3
H4
OUTPUT
ddr_a15
DDR SDRAM ROW/COLUMN ADDRESS
O
E3
D3
OUTPUT
ddr_a2
DDR SDRAM ROW/COLUMN ADDRESS
O
D1
E4
OUTPUT
ddr_a3
DDR SDRAM ROW/COLUMN ADDRESS
O
B3
C3
OUTPUT
ddr_a4
DDR SDRAM ROW/COLUMN ADDRESS
O
E5
C2
OUTPUT
ddr_a5
DDR SDRAM ROW/COLUMN ADDRESS
O
A2
B1
OUTPUT
ddr_a6
DDR SDRAM ROW/COLUMN ADDRESS
O
B1
D5
OUTPUT
ddr_a7
DDR SDRAM ROW/COLUMN ADDRESS
O
D2
E2
OUTPUT
ddr_a8
DDR SDRAM ROW/COLUMN ADDRESS
O
C3
D4
OUTPUT
ddr_a9
DDR SDRAM ROW/COLUMN ADDRESS
O
B2
C1
OUTPUT
ddr_ba0
DDR SDRAM BANK ADDRESS OUTPUT
O
A3
C4
ddr_ba1
DDR SDRAM BANK ADDRESS OUTPUT
O
E1
E1
ddr_ba2
DDR SDRAM BANK ADDRESS OUTPUT
O
B4
B3
ddr_casn
DDR SDRAM COLUMN ADDRESS STROBE
O
F1
F1
OUTPUT (ACTIVE LOW)
ddr_ck
DDR SDRAM CLOCK OUTPUT (Differential+)
O
C2
D2
ddr_cke
DDR SDRAM CLOCK ENABLE OUTPUT
O
G3
G3
ddr_csn0
DDR SDRAM CHIP SELECT OUTPUT
O
H2
H2
ddr_d0
DDR SDRAM DATA INPUT/OUTPUT
I/O
N4
M3
ddr_d1
DDR SDRAM DATA INPUT/OUTPUT
I/O
P4
M4
ddr_d10
DDR SDRAM DATA INPUT/OUTPUT
I/O
M3
K2
ddr_d11
DDR SDRAM DATA INPUT/OUTPUT
I/O
M4
K3
ddr_d12
DDR SDRAM DATA INPUT/OUTPUT
I/O
M2
K4
ddr_d13
DDR SDRAM DATA INPUT/OUTPUT
I/O
M1
L3
ddr_d14
DDR SDRAM DATA INPUT/OUTPUT
I/O
N2
L4
ddr_d15
DDR SDRAM DATA INPUT/OUTPUT
I/O
N1
M1
ddr_d2
DDR SDRAM DATA INPUT/OUTPUT
I/O
P2
N1
ddr_d3
DDR SDRAM DATA INPUT/OUTPUT
I/O
P1
N2
Copyright © 2011–2012, Texas Instruments Incorporated
Terminal Description
51
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com