Electronic Components Datasheet Search
  English  ▼

X  

KMZ49 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # KMZ49
Description  Magnetic field sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMZ49 Datasheet(HTML) 2 Page - NXP Semiconductors

  KMZ49 Datasheet HTML 1Page - NXP Semiconductors KMZ49 Datasheet HTML 2Page - NXP Semiconductors KMZ49 Datasheet HTML 3Page - NXP Semiconductors KMZ49 Datasheet HTML 4Page - NXP Semiconductors KMZ49 Datasheet HTML 5Page - NXP Semiconductors KMZ49 Datasheet HTML 6Page - NXP Semiconductors KMZ49 Datasheet HTML 7Page - NXP Semiconductors KMZ49 Datasheet HTML 8Page - NXP Semiconductors KMZ49 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
KMZ49
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 31 October 2011
2 of 13
NXP Semiconductors
KMZ49
Magnetic field sensor
1.4 Quick reference data
[1]
Applicable for bridge 1 and bridge 2.
[2]
VM = VO(max)  Voffset. Periodicity of VM: sin(2) and cos(2), respectively.
[3]
[4]
Bridge resistance between pin 4 to pin 8, pin 3 to pin 7, pin 1 to pin 5 and pin 2 to pin 6.
2.
Pinning information
3.
Ordering information
Table 1.
Quick reference data
Tamb =25 C; Hext =25 kA/m; VCC = 5 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
[1] -5
9
V
VM
peak voltage
see Figure 2
[1][2] 60
67
75
mV
Voffset
offset voltage
per supply voltage;
see Figure 2
[1]
2-
+2
mV/V
TCV(offset) offset voltage
temperature
coefficient
per supply voltage;
Tamb = 40 C to +150 C;
see Figure 2
[1][3]
2-
+2
(
V/V)/K
Rbridge
bridge resistance
[1][4] 2.73.2
3.7k
TC
V offset

V
offset at 150 C
 V
offset at
40
–
C

–
150
C40
–
C

–
--------------------------------------------------------------------------------------------------
=
Table 2.
Pinning
Pin
Symbol
Description
Simplified outline
1
ON1
output voltage bridge 1
2
ON2
output voltage bridge 2
3VCC2
supply voltage bridge 2
4VCC1
supply voltage bridge 1
5
OP1
output voltage bridge 1
6
OP2
output voltage bridge 2
7
GND2
ground 2
8
GND1
ground 1
4
5
1
8
Table 3.
Ordering information
Type number
Package
Name
Description
Version
KMZ49
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com