Electronic Components Datasheet Search
  English  ▼

X  

LPC4300 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC4300
Description  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4300 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC4300 Datasheet HTML 5Page - NXP Semiconductors LPC4300 Datasheet HTML 6Page - NXP Semiconductors LPC4300 Datasheet HTML 7Page - NXP Semiconductors LPC4300 Datasheet HTML 8Page - NXP Semiconductors LPC4300 Datasheet HTML 9Page - NXP Semiconductors LPC4300 Datasheet HTML 10Page - NXP Semiconductors LPC4300 Datasheet HTML 11Page - NXP Semiconductors LPC4300 Datasheet HTML 12Page - NXP Semiconductors LPC4300 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
ARM Cortex-M4
Up to 120 MHz
with NVIC, WIC, MPU,
Debug Trace (ETM)
Flash
Up to 512 kB
SRAM
Up to 96 kB
EEPROM
Up to 4 kB
ROM
with ROM drivers
Floating Point Unit
CORE
MEMORY
Clock Generation Unit
12 MHz, 1% IRC OSC, 1-24 MHz
System OSC, System (CPU) PLL
Power Management Unit
PMU, power modes, BOD, single
V
DD power supply, POR
ADC
8-channel, 12-bit
DAC
10-bit
Comparator (2)
GPDMA
GPIO
Up to 165
Ext Mem Ctrl
Graphic LCD
Ethernet MAC
SD/MMC
Motor Ctrl PWM, QEI
SSP/SPI (3), I2C (3), UART (5)
32-bit Timers (4)
Real-time Clock
Battery pin, event recorder
WWDT
Systick Timer
SPIFI
FS USB 2.0
CAN 2.0B (2)
I2S (2)
USB PLL
CRC Engine
SYSTEM
TIMERS
ANALOG
INTERFACES
LPC407x/8x
Connect to USB plus
CAN plus Ethernet
plus LCD and more
Featured product
LPC407x/8x
4
Cortex-M4 for LCD Graphics and external memories
4
Adds Cortex-M4, FPU, SPIFI, and two analog comparators to
LPC177x/8x parts
4
Packages: BGA208/180 and LQFP208/144
4
Pin-compatible to LPC177x/8x, LPC24xx, and LPC23xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com