Electronic Components Datasheet Search
  English  ▼

X  

LPC2900 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC2900
Description  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2900 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC2900 Datasheet HTML 8Page - NXP Semiconductors LPC2900 Datasheet HTML 9Page - NXP Semiconductors LPC2900 Datasheet HTML 10Page - NXP Semiconductors LPC2900 Datasheet HTML 11Page - NXP Semiconductors LPC2900 Datasheet HTML 12Page - NXP Semiconductors LPC2900 Datasheet HTML 13Page - NXP Semiconductors LPC2900 Datasheet HTML 14Page - NXP Semiconductors LPC2900 Datasheet HTML 15Page - NXP Semiconductors LPC2900 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
NXP’s LPC Command application processors provide an ideal and low-cost platform for
running the Linux operating system. Based on the ARM9 core, LPC Command products
provide an extensive set of peripherals and are designed for general-purpose embedded
applications as well as specialty applications, such as high-speed document printers/scanners,
industrial control, and motor control.
4
ARM9-based microcontrollers
4
Speeds up to 266 MHz (ARM926 core)
4
Linux support at LPClinux.com
LPC Command
LPC Command common features
4x 32-bit
timers
SD/MMC
Clock
generation
unit
High-speed
GPIOs
Watchdog
timer
UART,
I2C, SPI
10-bit
4-channel
ADC
LPC ConnectTurbo lines
LPC3100
LPC3200
Frequency (max)
270 MHz
266 MHz
SRAM
Up to 192 KB
Up to 256 KB
EMC
SDRAM and SRAM
DDR, SDR SDRAM
and static devices
LCD
•
STN or TFT,
up to 1024 x 768
HS USB
OTG, Host, Device
OTG, Host, Device
OS support
Linux
Linux
Core
ARM926
ARM926



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com