| Electronic Components Datasheet Search |
|
LPC2103 Datasheet(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2103 Datasheet(HTML) 5 Page - NXP Semiconductors |
|
5 / 12 page ![]() LPC ConnectPlus NXP’s LPC ConnectPlus microcontrollers offer a broad range of interfaces and the bandwidth for running these multiple communication protocols simultaneously. Connect to USB plus CAN plus Ethernet plus LCD and more. LPC ConnectPlus products are offered in a wide range of packages, memories and peripherals and feature pin-compatibility between cores. This category includes Cortex-M3, Cortex-M4 and ARM7 based microcontrollers. Type Memory Timers Serial Interfaces Analog Package Comment/Special features LPC17xx devices LPC1788 512 96 4 5 6 1 1 5 3 2 3 1 8/12 b 1 1 1 109-165 8-32 1 120 3.3 F LQFP208, TFBGA208, TFBGA180, LQFP144 USB host/OTG/device, QEI, 8/16/32-bit External Memory Controller (depends on package) LPC1787 5125 96 4 5 6 1 5 3 2 3 1 8/12 b 1 1 1 165 32 1 120 3.3 F LQFP208 USB host/OTG/device, QEI LPC1786 256 80 4 5 6 1 1 5 3 2 3 1 8/12 b 1 1 1 165 32 1 120 3.3 F LQFP208 USB host/OTG/device, QEI LPC1785 256 80 4 5 6 1 5 3 2 3 1 8/12 b 1 1 1 165 32 1 120 3.3 F LQFP208 USB Host/OTG/device LPC1778 512 96 4 5 6 1 1 5 3 2 3 1 8/12 b 1 1 109-165 8-32 1 120 3.3 F LQFP208, TFBGA208, TFBGA180, LQFP144 USB host/OTG/device, QEI, 8/16/32-bit External Memory Controller (depends on package) LPC1777 512 96 4 5 6 1 5 3 2 3 1 8/12 b 1 1 165 32 1 120 3.3 F LQFP208 USB host/OTG/device, QEI LPC1776 256 80 4 5 6 1 1 5 3 2 3 1 8/12 b 1 1 141-165 16-32 1 120 3.3 F LQFP208, TFBGA180 USB host/OTG/device, QEI LPC1774 128 40 2 5 6 1 4 3 2 3 1 8/12 b 1 109-165 8-32 1 120 3.3 F LQFP208, LQFP144 USB Device Only, 8/32-bit External Memory Controler (depends on package) LPC1773 128 40 2 5 6 1 4 3 2 1 3 1 8/12 b 1 109-165 1 120 3.3 F LQFP144 USB Device Only LPC1769 512 64 6 6 1 1 4 3 2 2 1 8/12 b 1 70 1 120 3.3 F LQFP100 FS USB Host/OTG/Device, QEI, Motor Control PWM LPC1768 512 64 6 6 1 1 4 3 2 2 1 8/12 b 1 70 1 100 3.3 F LQFP100, TFBGA100 FS USB Host/OTG/Device, QEI, Motor Control PWM LPC1767 512 64 6 6 1 4 3 2 1 8/12 b 1 70 1 100 3.3 F LQFP100 QEI, Motor Control PWM LPC1766 256 64 6 6 1 1 4 3 2 2 1 8/12 b 1 70 1 100 3.3 F LQFP100 FS USB Host/OTG/Device, QEI, Motor Control PWM LPC1765 256 64 6 6 1 4 3 2 2 1 8/12 b 1 70 1 100 3.3 F LQFP100, TFBGA100 FS USB Host/OTG/Device, QEI, Motor Control PWM LPC17xx devices LPC1764 128 32 6 6 1 1 4 3 2 2 8/12 b 70 1 100 3.3 F LQFP100 FS USB Host/OTG/Device, QEI, Motor Control PWM LPC1763 256 64 6 6 4 3 2 1 8/12 b 1 70 1 100 3.3 F LQFP100 QEI, Motor Control PWM LPC1759 512 64 6 6 1 4 3 2 2 1 6/12 b 1 52 1 120 3.3 F LQFP80 FS USB Host/OTG/Device, QEI, Motor Control PWM LPC1758 512 64 6 6 1 1 4 3 2 2 1 6/12 b 1 52 1 100 3.3 F LQFP80 FS USB Host/OTG/Device, QEI, Motor Control PWM LPC1756 256 32 6 6 1 4 3 2 2 1 6/12 b 1 52 1 100 3.3 F LQFP80 FS USB Host/OTG/Device, QEI, Motor Control PWM LPC1754 128 32 6 6 1 4 3 1 2 6/12 b 1 52 1 100 3.3 F LQFP80 FS USB Host/OTG/Device, QEI, Motor Control PWM LPC1752 64 16 6 6 1 4 3 1 2 6/12 b 52 1 100 3.3 F LQFP80 FS USB Host/OTG/Device, QEI, Motor Control PWM LPC1751 32 8 6 6 1 4 3 1 2 6/12 b 52 1 100 3.3 F LQFP80 FS USB Host/OTG/Device, QEI, Motor Control PWM * SCT peripheral can be configured as additional timers and/or PWM channels. ** SGPIO peripheral can be configured as additional I2S, I2C, UART and/or SSP channels. Temp. range options F= -40 to +85 C J= -40 to +105 C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |