Electronic Components Datasheet Search
  English  ▼

X  

WM7121 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM7121
Description  Top Port Analogue Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7121 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM7121 Datasheet HTML 1Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 2Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 3Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 4Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 5Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 6Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 7Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 8Page - Wolfson Microelectronics plc WM7121 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary Technical Data
WM7121
w
PTD, Rev 2.0, October 2012
5
ACOUSTIC AND ELECTRICAL CHARACTERISTICS
Test Conditions: VDD=2.1V, 1kHz test signal, TA = 25°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Directivity
Omni-directional
Sensitivity (WM7121)
S
94dB SPL
-41
-38
-35
dBV
Sensitivity (WM7121E)
S
94dB SPL
-39
-38
-37
dBV
Acoustic Overload
No Load
THD < 10%
126
dB SPL
Signal to Noise Ratio
SNR
A-Weighted
65
dB
Total Harmonic Distortion
THD
104dB SPL
0.25
%
Dynamic Range
DR
A-Weighted,
Noise floor to 1% THD
91
dB
Frequency Response
-3dB Low Frequency
+3dB High Frequency
62
15000
Hz
Hz
Acoustic Noise Floor
A-Weighted
29
dB SPL
Electrical Noise Floor
A-Weighted
-103
dBV
Power Supply Rejection Ratio
PSRR
100mV RMS, 217Hz
53
dB
Current Consumption
IVDD
200
µA
Output DC Impedance
ZOUT
100
Ω
TERMINOLOGY
1.
Sensitivity (dBV) – Sensitivity is a measure of the microphone output response to the acoustic pressure of a 1kHz
94dB SPL (1Pa RMS) sine wave.
2.
Signal-to-Noise Ratio (dB) – SNR is a measure of the difference in level between the output response of a 1kHz 94dB
SPL sine wave and the idle noise output.
3.
Total Harmonic Distortion (dB) – THD is the ratio of the RMS sum of the harmonic distortion products in the specified
bandwidth (see note below) relative to the amplitude of the fundamental (ie. Test frequency) output.
4.
Dynamic Range (dB) – DR is the ratio of the 1% THD microphone output level (in response to a sine wave input) and
the idle noise output level.
5.
All performance measurements are carried out with 20 kHz low pass ‘brick wall’ filter and, where noted, an A-weighted
filter. Failure to use these filters will result in higher THD and lower SNR values than are found in the Acoustic and
Electrical Characteristics. The low pass filter removes out of band noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com