Electronic Components Datasheet Search
  English  ▼

X  

WM7130AE Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM7130AE
Description  Bottom Port Analogue Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7130AE Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM7130AE Datasheet HTML 4Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 5Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 6Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 7Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 8Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 9Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 10Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 11Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
WM7130A
Pre-Production
w
PP, Rev 3.1, April 2012
12
REVISION HISTORY
DATE
REV
ORIGINATOR
CHANGES
02/05/11
2.0
JKC
First release of AE variant
2.0
KC
First page package dimension
Added the WM7130AE
Updated the features for WM7130AE
Updated the frequency response curve, the THD curves,
Updated the +3dB frequency response to 14200Hz.
Updated WM7130AE frequency response performance, and sensitivity
performance
Updated the reel quantity to 4800
Remove the 20k ohms test condition.
Modified the wording for 1uF and 20kohms to ensure 10hz low frequency
cut off
2.0
JMacD
Package diagram updated:
1.
References and dimension letters changed to be consistent with all
MEMS package diagrams. Updated lid design with adjusted
dimensions. Pin numbers added.
2.
Pin out changed to match datasheet
2.0
TS
Reel quantity updated to 5000.
06/05/11
2.0
JMacD/MR
Acoustic and Electrical Char: Acoustic Overload updated to 127
01/07/11
2.1
JMacD/MR
Package Drawing update:
- Updated porthole positional tolerances.
- Updated theta3 tolerance.
04/07/11
2.2
JMacD/MR
Order Code for Enhanced, 62Hz roll off updated to:
- WM7130AIMSE/V
- WM7130AIMSE/RV
12/09/11
3.0
KC/MR
Order code added for standard product:
- WM7130AIMS/V
- WM7130AIMS/RV
12/09/11
3.0
KC/MR
Frequency response curve and SNR parameter updated.
17/02/12
3.1
KC/JMacD
Acoustic and Electrical Characteristics:
Sensitivity unit changed from dB to dBV. Updated Terminology 1.
Dynamic Range added, DR definition added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com