Electronic Components Datasheet Search
  English  ▼

X  

ICX077AL Datasheet(PDF) 13 Page - Sony Corporation

Part # ICX077AL
Description  Diagonal 3.6mm (Type 1/5) CCD Image Sensor for CCIR Black-and-White Video Cameras
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX077AL Datasheet(HTML) 13 Page - Sony Corporation

Back Button ICX077AL Datasheet HTML 9Page - Sony Corporation ICX077AL Datasheet HTML 10Page - Sony Corporation ICX077AL Datasheet HTML 11Page - Sony Corporation ICX077AL Datasheet HTML 12Page - Sony Corporation ICX077AL Datasheet HTML 13Page - Sony Corporation ICX077AL Datasheet HTML 14Page - Sony Corporation ICX077AL Datasheet HTML 15Page - Sony Corporation ICX077AL Datasheet HTML 16Page - Sony Corporation ICX077AL Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
– 13 –
ICX077AL
Sensor Readout Clock Timing Chart
Unit : µs
Odd Field
Even Field
HD
V1
V2
V3
V4
V1
V2
V3
V4
1.6
2.5 2.1
1.3
0.3
38.4
Spectral Sensitivity Characteristics
(includes lens characteristics, excludes light source characteristics)
2.5
Wave Length [nm]
1.0
400
800
500
900
600
1000
700
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com