Electronic Components Datasheet Search
  English  ▼

X  

WM7220 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM7220
Description  Top Port Digital Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7220 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM7220 Datasheet HTML 4Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 5Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 6Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 7Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 8Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 9Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 10Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 11Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
WM7220
Preliminary Technical Data
w
PTD, Rev 2.3, December 2011
10
PACKAGE DIMENSIONS
DM064.E
MS6: PACKAGE 4.72 x 3.76 x 1.22 mm BODY
D
M
E
L
A
G
F
H
K
I
BOTTOM VIEW
TOP VIEW
0.1 C
0.1 C
0.05
-C-
C
SIDE VIEW
D
E
F
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
G
H
K
4.62
4.72
4.82
3.76
3.66
3.86
1.22
1.15
1.29
0.71
0.71
2.34
1.63
1.88
2.13
I
1.17
1.37
1.57
0.94
0.89
0.99
NOTES:
1. THE SEATING PLANE IS REPRESENTED BY PRIMARY DATUM -C-
2. THE DEVIATION FROM THE SEATING PLANE DUE TO WARPAGE OR TWIST IS SPECIFIED AS MAX 50
m (FLATNESS).
3. LID SHOULD BE PARALLEL TO THE SEATING PLANE ±50
m.
1
2
J
1
1.64
2
J
L
M
3.46
1.60
4.42
PNP Vacuum
Point
Gasket Area
N
N
1.65
P
3
2.29
2.39
0.66
0.76
0.66
0.76
P
0.91
2.36
2.26
2.46
1.60
1.70
PIN 1 CORNER
1.55
1.65
3.36
4.32
PNP Vacuum Point
1.59
0.86
0.96
1.69
T
S
S
0.90
T
0.70
0.85
0.95
R 0.45
0.65
0.75
R
0.3
5
R
0.5
5
3
3
0.2
0.19
H
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com