Electronic Components Datasheet Search
  English  ▼

X  

WM7230 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM7230
Description  Bottom Port Digital Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7230 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM7230 Datasheet HTML 2Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 3Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 4Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 5Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 6Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 7Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 8Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 9Page - Wolfson Microelectronics plc WM7230 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
WM7230
Preliminary Technical Data
w
PTD, Rev 2.4, October 2012
6
6.
SLEEP Mode is enabled when the CLK input is below the CLK Sleep Frequency noted above. This is a power-saving
mode. Normal operation resumes automatically when the CLK input is above the CLK Sleep Frequency. Note that the
VDD supply is still required in SLEEP mode.
AUDIO INTERFACE TIMING
tL_EN
CLK
(input)
tL_DIS
tR_EN
tR_DIS
tCY
DAT is high-impedance (hi-z) when not outputting data
DAT
(LRSEL = 1)
DAT
(LRSEL = 0)
Figure 1 Digital Microphone Interface Timing
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital Microphone Interface Timing
CLK cycle time
tCY
308
1000
ns
CLK duty cycle
60:40
40:60
DAT enable from rising CLK edge (LRSEL = 1)
tL_EN
18
ns
DAT disable from falling CLK edge (LRSEL = 1)
tL_DIS
16
ns
DAT enable from falling CLK edge (LRSEL = 0)
tR_EN
18
ns
DAT disable from rising CLK edge (LRSEL = 0)
tR_DIS
16
ns
Notes:
1.
The DAT output is high-impedance when not outputting data; this enables the outputs of two microphones to be
connected together with the data from one microphone interleaved with the data from the other. (The microphones
must be configured to transmit on opposite channels in this case.)
2.
In a typical configuration, the Left channel is transmitted following the rising CLK edge (LRSEL = 1). In this case, the
Left channel should be sampled by the receiving device on the falling CLK edge,
3.
Similarly, the Right channel is typically transmitted following the falling CLK edge (LRSEL = 0). In this case, the Right
channel should be sampled by the receiving device on the rising CLK edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com