Electronic Components Datasheet Search
  English  ▼

X  

LPC3220 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC3220
Description  NXP Microcontrollers Selection Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3220 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC3220 Datasheet HTML 3Page - NXP Semiconductors LPC3220 Datasheet HTML 4Page - NXP Semiconductors LPC3220 Datasheet HTML 5Page - NXP Semiconductors LPC3220 Datasheet HTML 6Page - NXP Semiconductors LPC3220 Datasheet HTML 7Page - NXP Semiconductors LPC3220 Datasheet HTML 8Page - NXP Semiconductors LPC3220 Datasheet HTML 9Page - NXP Semiconductors LPC3220 Datasheet HTML 10Page - NXP Semiconductors LPC3220 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Type
Memory
Timers
Serial Interfaces
Analog
Package
Comment/Special features
LPC24xx devices
LPC2478
512
98
6
12
1
2
4
3
2
2
1
8/10 b
1
•
•
160
•
•
72
3.3
F
LPFP208, TFBGA208
LPC2468 with XGA LCD controller, USB device/host/OTG
LPC2470
98
6
12
1
2
4
3
2
2
1
8/10 b
1
•
•
160
•
•
72
3.3
F
LPFP208, TFBGA208
LPC2468 with XGA LCD controller, USB device/host/OTG
LPC2468
512
98
6
12
1
2
4
3
2
2
1
8/10 b
1
•
160
•
•
72
3.3
F
LPFP208, TFBGA208
On-chip 4-MHz RC-Osc, GP DMA, RTC w/ 2K batt. RAM 2 PWM blocks; USB 2.0 FS host/OTG/device, DMA
and 4K RAM; UART 3 w/ IrDA; 32-bit ext. bus
LPC2460
98
6
12
1
2
4
3
2
2
1
8/10 b
1
•
160
•
•
72
3.3
F
LPFP208, TFBGA208
Flashless LPC2468
LPC2458
512
98
6
12
1
2
4
3
2
2
1
8/10 b
1
•
160
•
•
72
3.3
F
TFBGA180
LPC2468 with 16-bit external memory interface, USB device/host/OTG
LPC2420
82
6
12
2
4
3
2
1
8/10 b
1
•
160
•
•
72
3.3
F
LPFP208, TFBGA208
Flashless USB device/host/OTG controller, USB device/host/OTG
LPC4000 Series
LPC4088
1
512
96
4
5
6
1
1
5
3
2
1
3
1
8/12 b
1
1
1
109-165
8-32
1
120
3.3
F
LQFP208, TFBGA208,
TFBGA180, LQFP144
USB host/OTG/device, QEI, 8/16/32-bit External Memory Controller (depends on package), 2 analog comparators
LPC4078
1
512
96
4
5
6
1
1
5
3
2
1
3
1
8/12 b
1
1
53-165
8-32
1
120
3.3
F
LQFP208, TFBGA208, TF-
BGA180, LQFP144 , LQFP80 USB host/OTG/device, QEI, 8/16/32-bit External Memory Controller (depends on package), 2 analog comparators
LPC4076
1
256
80
4
5
6
1
1
5
3
2
1
3
1
8/12 b
1
1
109-140
8-16
1
120
3.3
F
TFBGA180, LQFP144
USB host/OTG/device, QEI, 8/16-bit External Memory Controller (depends on package) , 2 analog comparators
LPC4074
128
40
2
5
6
1
4
3
2
1
3
1
8/12 b
1
53-109
8
1
120
3.3
F
LQFP144, LQFP80
USB device, 8-bit External Memory Controller
LPC4072
64
32
2
5
6
1
4
3
2
1
3
1
8/12 b
1
53
8
1
120
3.3
F
TFBGA80, LQFP80
USB device, 8-bit External Memory Controller
LPC ConnectPlus cont’d
* SCT peripheral can be configured as additional timers and/or PWM channels. ** SGPIO peripheral can be configured as additional I2S, I2C, UART and/or SSP channels.
Temp. range options
F= -40 to +85 C
J= -40 to +105 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com