Electronic Components Datasheet Search
  English  ▼

X  

WM8960 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8960_11 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
Production Data
WM8960
w
PD, October 2011, Rev 4.1
39
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
Left Speaker
Volume
6:0
SPKLVOL
[6:0]
0000000
(MUTE)
SPK_LP/SPK_LN Volume
1111111 = +6dB
… 1dB steps down to
0110000 = -73dB
0101111 to 0000000 = Analogue MUTE
7
SPKLZC
0
Left Speaker Zero Cross Enable
1 = Change gain on zero cross only
0 = Change gain immediately
8
SPKVU
0
Speaker Volume Update
0 = Store SPKLVOL in intermediate latch
(no gain change)
1 = Update left and right channel gains
(left = SPKLVOL, right = intermediate
latch)
R41 (29h)
Right Speaker
Volume
6:0
SPKRVOL
[6:0]
0000000
(MUTE)
SPK_RP/SPK_RN Volume
1111111 = +6dB
… 1dB steps down to
0110000 = -73dB
0101111 to 0000000 = Analogue MUTE
7
SPKRZC
0
Right Speaker Zero Cross Enable
1 = Change gain on zero cross only
0 = Change gain immediately
8
SPKVU
0
Speaker Volume Update
0 = Store SPKRVOL in intermediate
latch (no gain change)
1 = Update left and right channel gains
(left = intermediate latch, right =
SPKRVOL)
R51 (33h)
Class D
Control (3)
5:3
DCGAIN
[2:0]
000
(1.0x)
DC Speaker Boost (Boosts speaker DC
output level by up to 1.8 x on left and
right channels)
000 = 1.00x boost (+0dB)
001 = 1.27x boost (+2.1dB)
010 = 1.40x boost (+2.9dB)
011 = 1.52x boost (+3.6dB)
100 = 1.67x boost (+4.5dB)
101 = 1.8x boost (+5.1dB)
110 to 111 = Reserved
2:0
ACGAIN
[2:0]
000
(1.0x)
AC Speaker Boost (Boosts speaker AC
output signal by up to 1.8 x on left and
right channels)
000 = 1.00x boost (+0dB)
001 = 1.27x boost (+2.1dB)
010 = 1.40x boost (+2.9dB)
011 = 1.52x boost (+3.6dB)
100 = 1.67x boost (+4.5dB)
101 = 1.8x boost (+5.1dB)
110 to 111 = Reserved
Table 25 SPK_L/SPK_R Volume and Speaker Boost Control
To prevent pop noise, DCGAIN and ACGAIN should not be modified while the speaker outputs are
enabled.
To avoid clipping at speaker ground, ACGAIN should not be greater than DCGAIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com