Electronic Components Datasheet Search
  English  ▼

X  

FSUSB74 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSUSB74
Description  4:1 High-Speed USB Multiplexer/Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB74 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSUSB74 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB74 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB74 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB74 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB74 • Rev. 1.0.2
9
Physical Dimensions
Figure 18. 16-Lead, Quad Molded Leadless Package (MLP)
Order Number
Operating Temperature Range
Package Description
Packing Method
FSUSB74MPX
-40 to 85°C
16-Lead, Quad, Molded Leadless Package
(MLP), 3mm x 3mm
Tape & Reel
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without
notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most
recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the warranty
therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com