Electronic Components Datasheet Search
  English  ▼

X  

WM9082 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM9082
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM9082 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Production Data
WM9082
w
PD, August 2012, Rev 4.1
17
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
POWER SUPPLY DECOUPLING
Electrical coupling exists particularly in digital logic systems where switching in one sub-system
causes fluctuations on the power supply. This effect occurs because the inductance of the power
supply acts in opposition to the changes in current flow that are caused by the logic switching. The
resultant variations (or ‘spikes’) in the power supply voltage can cause malfunctions and unintentional
behaviour in other components. A decoupling (or ‘bypass’) capacitor can be used as an energy
storage component which will provide power to the decoupled circuit for the duration of these power
supply variations, protecting it from malfunctions that could otherwise arise.
Coupling also occurs in a lower-frequency form when ripple is present on the power supply rail
caused by changes in the load current or by limitations of the power supply regulation method. In
audio components such as the WM9082, these variations can alter the performance of the signal
path, leading to degradation in signal quality. A decoupling (or ‘bypass’) capacitor can be used to filter
these effects, by presenting the ripple voltage with a low impedance path that does not affect the
circuit to be decoupled.
These coupling effects are addressed by placing a capacitor between the supply rail and the
corresponding ground reference. In the case of systems comprising multiple power supply rails,
decoupling should be provided on each rail.
The recommended power supply decoupling capacitors for WM9082 are listed below in Table 9.
POWER SUPPLY
DECOUPLING CAPACITOR
DVDD
0.1
F ceramic
SPKVDD
4.7
F ceramic
Table 9 Power Supply Decoupling Capacitors
All decoupling capacitors should be placed as close as possible to the WM9082 device.
Due to the wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the
selected components provide the required capacitance across the required temperature and voltage
ranges in the intended application. For most application the use of ceramic capacitors with capacitor
dielectric X5R is recommended.
CLASS D SPEAKER CONNECTIONS
The WM9082 incorporates a Class D speaker driver, which offers high amplifier efficiency at large
signal levels. As the Class D output is a sigma-delta modulated signal, the choice of speakers and
tracking of signals is important for ensuring good performance and reducing EMI.
The efficiency of the speaker drivers is affected by the series resistance between the WM9082 and
the speaker (e.g. PCB track loss and inductor ESR) as shown in Figure 4. This resistance should be
as low as possible to maximise efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com