Electronic Components Datasheet Search
  English  ▼

X  

ICX204AL Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX204AL
Description  Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX204AL Datasheet(HTML) 5 Page - Sony Corporation

  ICX204AL Datasheet HTML 1Page - Sony Corporation ICX204AL Datasheet HTML 2Page - Sony Corporation ICX204AL Datasheet HTML 3Page - Sony Corporation ICX204AL Datasheet HTML 4Page - Sony Corporation ICX204AL Datasheet HTML 5Page - Sony Corporation ICX204AL Datasheet HTML 6Page - Sony Corporation ICX204AL Datasheet HTML 7Page - Sony Corporation ICX204AL Datasheet HTML 8Page - Sony Corporation ICX204AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
– 5 –
ICX204AL
Clock Equivalent Circuit Constant
Item
Capacitance between vertical transfer clock and
GND
C
φV1
C
φV2A
C
φV2B
C
φV3
C
φV12A
C
φV2B1
C
φV2A3
C
φV32B
C
φV13
C
φV2A2B
C
φH1, CφH2
C
φHH
C
φRG
C
φSUB
R1
R2A
R2B
R3
RGND
R
φH
1500
1800
2700
2200
390
680
560
1000
1800
33
18
43
3
390
91
68
62
30
43
10
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
Ω
Ω
Ω
Ω
Ω
Ω
Capacitance between vertical transfer clocks
Capacitance between horizontal transfer clock
and GND
Capacitance between horizontal transfer clocks
Capacitance between reset gate clock and GND
Capacitance between substrate clock and GND
Vertical transfer clock series resistor
Vertical transfer clock ground resistor
Horizontal transfer clock series resistor
Symbol
Min.
Typ.
Max.
Unit
Remarks
R
φH
R
φH
H
φ2
H
φ1
C
φH1
C
φH2
C
φHH
V
φ1
C
φV12A
V
φ2A
V
φ2B
V
φ3
C
φV32B
C
φV2A3
C
φV2B1
C
φV13
C
φV1
C
φV2A
C
φV2B
C
φV3
RGND
R2B
R1
R3
R2A
Vertical transfer clock equivalent circuit
Horizontal transfer clock equivalent circuit
C
φV2A2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com