Electronic Components Datasheet Search
  English  ▼

X  

WM8350 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8350
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8350 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8350 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8350 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8350 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8350 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8350 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8350 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8350 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8350 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8350 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 340 page
background image
WM8350
Production Data
w
PD, February 2011, Rev 4.4
30
9.2.3
DYNAMIC OUTPUT VOLTAGE
Figure 8 DC-DC1 STANDBY to ACTIVE Handover at
Maximum Standby Current
Figure 9 DC-DC1 Transient Load
VOUT
VIN = 5.0V, VOUT = 1.2V, Load = 0.05A (Standby Max)
LX
IOUT
VIN = 5.0V, VOUT = 1.2V, Load = 0 to 0.4A
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com