Electronic Components Datasheet Search
  English  ▼

X  

WM8501 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8501
Description  24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8501 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8501_09 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8501_09 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8501_09 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8501_09 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8501_09 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8501_09 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8501_09 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8501_09 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8501_09 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
WM8501
Production Data
w
PD, Rev 4.2, July 2009
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
LRCLK
Digital input
Sample rate clock input
2
DIN
Digital input
Serial audio data input
3
BCLK
Digital input
Bit clock input
4
ENABLE
Digital input
Enable input – 0 = powered down, 1 = enabled
5
VMID
Analogue output
Analogue internal reference
6
ROUT
Analogue output
Right channel DAC output
7
AGND
Supply
Ground reference for analog circuits and substrate connection
8
AVDD
Supply
Positive supply for analog circuits
9
LOUT
Analogue output
Left channel DAC output
10
DGND
Digital Supply
Digital ground supply
11
DVDD
Digital Supply
Digital positive supply
12
DEEMPH
Digital input
De-emphasis select, Internal pull down
High = de-emphasis ON
Low = de-emphasis OFF
13
FORMAT
Digital input
Data input format select, Internal pull up
Low = 16-bit right justified or DSP (Mode B)
High = 16-24-bit I2S or DSP (Mode A)
14
MCLK
Digital input
Master clock input
Note:
1.
Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com