Electronic Components Datasheet Search
  English  ▼

X  

ICX205AL Datasheet(PDF) 2 Page - Sony Corporation

Part # ICX205AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX205AL Datasheet(HTML) 2 Page - Sony Corporation

  ICX205AL Datasheet HTML 1Page - Sony Corporation ICX205AL Datasheet HTML 2Page - Sony Corporation ICX205AL Datasheet HTML 3Page - Sony Corporation ICX205AL Datasheet HTML 4Page - Sony Corporation ICX205AL Datasheet HTML 5Page - Sony Corporation ICX205AL Datasheet HTML 6Page - Sony Corporation ICX205AL Datasheet HTML 7Page - Sony Corporation ICX205AL Datasheet HTML 8Page - Sony Corporation ICX205AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
– 2 –
ICX205AL
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
8
9
10
V
φ1
V
φ2A
V
φ2B
V
φ3
NC
NC
GND
NC
GND
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
GND
GND
Signal output
11
12
13
14
15
16
17
18
19
20
VDD
GND
φSUB
NC
CSUB
NC
VL
φRG
H
φ1
H
φ2
Supply voltage
GND
Substrate clock
Substrate bias∗1
Protective transistor bias
Reset gate clock
Horizontal register transfer clock
Horizontal register transfer clock
Pin Description
Note)
Horizontal register
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
Note)
: Photo sensor
Block Diagram and Pin Configuration
(Top View)
∗1 DC bias is generated within the CCD, so that this pin should be grounded externally through a capacitance
of 0.1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com