Electronic Components Datasheet Search
  English  ▼

X  

ICX207AL Datasheet(PDF) 7 Page - Sony Corporation

Part # ICX207AL
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX207AL Datasheet(HTML) 7 Page - Sony Corporation

Back Button ICX207AL Datasheet HTML 3Page - Sony Corporation ICX207AL Datasheet HTML 4Page - Sony Corporation ICX207AL Datasheet HTML 5Page - Sony Corporation ICX207AL Datasheet HTML 6Page - Sony Corporation ICX207AL Datasheet HTML 7Page - Sony Corporation ICX207AL Datasheet HTML 8Page - Sony Corporation ICX207AL Datasheet HTML 9Page - Sony Corporation ICX207AL Datasheet HTML 10Page - Sony Corporation ICX207AL Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
– 7 –
ICX207AL
Readout clock
Vertical transfer
clock
Reset gate clock
Substrate clock
VT
V
φ1, Vφ2,
V
φ3, Vφ4
H
φ
H
φ1
H
φ2
φRG
φSUB
2.3
41
11
1.5
2.5
46
5.6
14
1.65
41
76
46
5.6
80
0.1
6.5
0.007
0.007
6.0
9.5
0.5
5
0.1
6.5
0.007
0.007
5.0
250
9.5
0.5
µs
ns
ns
µs
ns
µs
During
imaging
During
parallel-serial
conversion
Clock Switching Characteristics
Item
During
readout
∗1
∗2
During drain
charge
Symbol
twh
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
twl
tr
tf
Unit
Remarks
∗1 When vertical transfer clock driver CXD1267AN is used.
∗2 When Vφ
H
= 3.0V. tf
≥ tr – 2ns, and the cross-point voltage (VCR) for the Hφ1 rising side of the Hφ1 and Hφ2
waveforms must be at least V
φH/2 [V].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com