Electronic Components Datasheet Search
  English  ▼

X  

AP031 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AP031
Description  High Definition Oscilloscopes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AP031 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AP031 Datasheet HTML 1Page - Teledyne Technologies Incorporated AP031 Datasheet HTML 2Page - Teledyne Technologies Incorporated AP031 Datasheet HTML 3Page - Teledyne Technologies Incorporated AP031 Datasheet HTML 4Page - Teledyne Technologies Incorporated AP031 Datasheet HTML 5Page - Teledyne Technologies Incorporated AP031 Datasheet HTML 6Page - Teledyne Technologies Incorporated AP031 Datasheet HTML 7Page - Teledyne Technologies Incorporated AP031 Datasheet HTML 8Page - Teledyne Technologies Incorporated AP031 Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
HD4096 HIGH DeFINITION TeCHNOLOGy
HD4096 high definition technology consists of
high sample rate 12-bit ADCs, high signal-to-noise
ratio amplifiers and a low-noise system architec-
ture. This technology enables high definition
oscilloscopes to capture and display signals of
up to 1 GHz with high sample rate and 16 times
more resolution than other oscilloscopes.
Oscilloscopes with HD4096 technology have higher resolution
and measurement precision than 8-bit alternatives. The high
sample rate 12-bit ADCs provide high resolution sampling at
up to 2.5 GS/s. The high performance input amplifiers deliver
phenomenal signal fidelity with a 55 dB signal-to-noise ratio
and provide a pristine signal to the ADC to be digitized. The
low-noise signal architecture ensures that nothing interferes
with the captured signal and the oscilloscope displays a
waveform that accurately represents the signals from the
device under test.
High Sample
Rate 12-bit
ADC’s
High Signal
to Noise Input
Amplifiers
Low Noise
System
Architecture
16x More Resolution
12-bits of vertical resolution provides sixteen times more resolution than 8-bits. The 4096 discrete
levels reduce the quantization error. Signals captured with lower resolution oscilloscopes have a higher
level of quantization error resulting in less accurate waveforms on the display. Signals captured on an
oscilloscope with 12-bit HD4096 technology are accurately displayed with minimal quantization error.
Digitized Waveform
Signal from
Device Under Test
16x Closer to Perfect
8-bit
12-bit
Quantization error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com