Electronic Components Datasheet Search
  English  ▼

X  

HDO4K-RSSD-02 Datasheet(PDF) 15 Page - Teledyne Technologies Incorporated

Part # HDO4K-RSSD-02
Description  High Definition Oscilloscopes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

HDO4K-RSSD-02 Datasheet(HTML) 15 Page - Teledyne Technologies Incorporated

Back Button HDO4K-RSSD-02 Datasheet HTML 8Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 9Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 10Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 11Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 12Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 13Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 14Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 15Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 16Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
SPeCIFICATIONS
HDO4022
HDO4024
HDO4032
HDO4034
HDO4054
HDO4104
Probes
Standard Probes
One PP017 (5mm) per channel
One PP018(5mm) per channel
Probing System
BNC and Teledyne LeCroy ProBus for Active voltage, current and differential probes
Display System
Display Size
12.1” Wide TFT-LCD Touch-Screen
Display Resolution
1280 x 800
Connectivity
Ethernet Port
(2) 10/100/1000Base-T Ethernet interface (RJ-45 connector)
USB Host Ports
(6) USB Ports Total – (2) Front USB Ports
USB Device Port
(1) USBTMC
GPIB Port (Optional)
Supports IEEE – 488.2
External Monitor Port
Standard 15-pin D-Type SVGA-compatible DB-15 connector, DVI connector and HDMI connector
Remote Control
Via Windows Automation, or via Teledyne LeCroy Remote Command Set
Processor/CPU
Type
Intel B810 Celeron processor 1.6 GHz or better
Processor Memory
2 GB Standard
Operating System
Windows Embedded Standard 7 64-Bit
Disk Type
Solid State Drive 64 GB or greater
Power Requirements
Voltage
100-240 VAC + 10% at 45-440 Hz; Automatic AC Voltage Selection
Power Consumption (Nominal) 200 W / 200 VA
Max Power Consumption
Max Power Consumption 320 W / 320 VA (with all PC peripherals and active probes connected to 4 channels)
environmental
Temperature
Operating: 5 °C to 40 °C; Non-Operating: -20 °C to 60 °C
Humidity
Operating: 5% to 90% relative humidity (non-condensing) up to +31 °C, Upper limit derates to 50% relative humidity
(non-condensing) at +40 °C; Non-Operating: 5% to 95% relative humidity (non-condensing) as tested per
MIL-PRF-28800F
Altitude
Operating: 3,048 m (10,000 ft) max at
≤ 30C; Non-Operating: Up to 12,192 meters (40,000 ft)
Physical
Dimensions (HWD)
11.48”H x 15.72”W x 5.17“D (291.7 mm x 399.4 mm x 131.31 mm)
Weight
5.86 kg (12.9 lbs)
Regulatory
CE Certification
Low Voltage Directive 2006/95/EC
EN 61010-1:2010, EN 61010-2-030:2010
EMC Directive 2004/108/EC
EN 61326-1:2006, EN61326-2-1:2006
UL and cUL Listing
UL 61010-1 (3rd Edition), UL 61010-2-030 (1st Edition)
CAN/CSA C22.2 No.61010-1-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com