Electronic Components Datasheet Search
  English  ▼

X  

PC212P51C21 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # PC212P51C21
Description  12 POSTION RIGHT ANGLE PIN CONNECTOR WITH SNAP BRACKET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

PC212P51C21 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  PC212P51C21 Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
June 2006 - This drawing became the property of Winchester Electronics Corporation, Wallingford, CT.


Similar Part No. - PC212P51C21

ManufacturerPart #DatasheetDescription
logo
Glamox
PC2127034 GLAMOX-PC2127034 Datasheet
147Kb / 2P
PACO G2-83 BL 2000 HF930 60°/GL
PC2127035 GLAMOX-PC2127035 Datasheet
154Kb / 2P
PACO G2-83 WH 2000 HF930 60°/GL
PC2127036 GLAMOX-PC2127036 Datasheet
145Kb / 2P
PACO G2-83 BL 2000 HF940 60°/GL
PC2127037 GLAMOX-PC2127037 Datasheet
155Kb / 2P
PACO G2-83 WH 2000 HF940 60°/GL
PC2127038 GLAMOX-PC2127038 Datasheet
153Kb / 2P
PACO G2-93 BL 3200 HF930 60°/GL
More results

Similar Description - PC212P51C21

ManufacturerPart #DatasheetDescription
logo
FCI connector
C01-8646-0171 FCI-CONNECTOR-C01-8646-0171 Datasheet
86Kb / 1P
PIN CONNECRT. SUB RIGHT ANGLED SPILL WITH SCREWLOCK, METAL BRACKET
C01-8646-0484 FCI-CONNECTOR-C01-8646-0484 Datasheet
86Kb / 1P
PIN CONNECT. SUB RIGHT ANGLED SPILL WITH SCREWLOCK, METAL, BRACKET
logo
Pasternack Enterprises,...
PE3C3987-12 PASTERNACK-PE3C3987-12 Datasheet
431Kb / 4P
Snap-On MMBX Plug Right Angle to Snap-On MMBX Plug Right Angle Cable 12 Inch Length Using RG178 Coax
PE3C4016-12 PASTERNACK-PE3C4016-12 Datasheet
431Kb / 4P
Snap-On MMBX Plug Right Angle to Snap-On MMBX Plug Right Angle Cable 12 Inch Length Using RG316 Coax
PE3C4033-12 PASTERNACK-PE3C4033-12 Datasheet
431Kb / 4P
Snap-On MMBX Plug Right Angle to Snap-On MMBX Plug Right Angle Cable 12 Inch Length Using RG174 Coax
logo
CONEC Elektronische Bau...
24-007443 CONEC-24-007443 Datasheet
762Kb / 2P
D-SUB C-Filter Female 9pos. Solder pin angled 0.370inch with riveted insert, mounting bracket with fixing plate and grounding bracket with snap
11.10.2022
24-007473 CONEC-24-007473 Datasheet
991Kb / 2P
D-SUB C-Filter Female 15pos. Solder pin angled with riveted insert, mounting bracket and grounding bracket with snap
11.10.2022
24-007503 CONEC-24-007503 Datasheet
1Mb / 2P
D-SUB C-Filter Female 25pos. Solder pin angled 0.370inch with mounting bracket, grounding bracket with snap and riveted insert
11.10.2022
24-007533 CONEC-24-007533 Datasheet
1Mb / 2P
D-SUB C-Filter Female 37pos. Solder pin angled 0.370inch with mounting bracket, fixing-plate, grounding bracket with snap and riveted insert
11.10.2022
24-007563 CONEC-24-007563 Datasheet
1Mb / 2P
D-SUB C-Filter Female 50pos. Solder pin angled 0.370inch with mounting bracket, grounding bracket with snap and riveted insert
18.04.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com