Electronic Components Datasheet Search
  English  ▼

X  

PLT Datasheet(PDF) 2 Page - Radiometrix Ltd

Part # PLT
Description  NBFM Multi channel Data Packet Link Radios
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

PLT Datasheet(HTML) 2 Page - Radiometrix Ltd

  PLT Datasheet HTML 1Page - Radiometrix Ltd PLT Datasheet HTML 2Page - Radiometrix Ltd PLT Datasheet HTML 3Page - Radiometrix Ltd PLT Datasheet HTML 4Page - Radiometrix Ltd PLT Datasheet HTML 5Page - Radiometrix Ltd PLT Datasheet HTML 6Page - Radiometrix Ltd PLT Datasheet HTML 7Page - Radiometrix Ltd PLT Datasheet HTML 8Page - Radiometrix Ltd PLT Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Radiometrix Ltd
PLT/PLR Data Sheet
page 2
PLT / PLR data packet link radios
The PL modules use the hardware of the existing LMT/LMR transmitter receiver pair, combined with
completely new firmware to produce a simple to use but readily controllable data link
Both radios have a similar pinout. The bidirectional DATA pin requires an inverted RS232 data interface, at
3V CMOS logic levels (Both DATA and FLOW are bidirectional. As outputs they are open drain pins with 50K
pullups to the internal Vcc, and 470 series protection resistors. Do not exceed 3v on these pins).
The CMD pin selects the operating mode: If pulled low, then serial data is routed to a command interpreter
(see 'programming') . If high (floating) then received bytes are loaded into the buffer (the PLR receiver only
inputs data in command mode of course).
When the buffer is full, the transmitter either sends a databurst immediately, or waits for a command from the
user
The transmitter data buffer size is pre-set by a user command (from 1-32 bytes)
The data format uses is modified biphase at a peak data rate of 2500 bits per second.
Each burst consists of a framing sequence, a two byte address, a two byte checksum, and a variable length
(1-32 bytes) data 'payload'. The payload length information is coded into the framer sequence.
Minimum length (1 byte) bursts take about 70mS (including all transmitter setup and power on/off timings),
while a full 32 byte burst requires over 250mS.
Data transfer rate is limited by the interface's inability to receive data while transmitting a burst (if FLOW is
high, then the PLT is not listening to the serial port at all), or to decode received packets while in the process
of outputting one
The standard products use a 9600 baud user interface speed. Slower versions are also available (1200,
2400 and 4800 baud, with suffixes -1, -2, and -4). The baud rate is not user programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com