Electronic Components Datasheet Search
  English  ▼

X  

PLR Datasheet(PDF) 8 Page - Radiometrix Ltd

Part # PLR
Description  NBFM Multi channel Data Packet Link Radios
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

PLR Datasheet(HTML) 8 Page - Radiometrix Ltd

Back Button PLR Datasheet HTML 4Page - Radiometrix Ltd PLR Datasheet HTML 5Page - Radiometrix Ltd PLR Datasheet HTML 6Page - Radiometrix Ltd PLR Datasheet HTML 7Page - Radiometrix Ltd PLR Datasheet HTML 8Page - Radiometrix Ltd PLR Datasheet HTML 9Page - Radiometrix Ltd PLR Datasheet HTML 10Page - Radiometrix Ltd PLR Datasheet HTML 11Page - Radiometrix Ltd PLR Datasheet HTML 12Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Radiometrix Ltd
PLT/PLR Data Sheet
page 8
Operating principle
On recieve, the FLOW output goes high at least 400uS (typically 480uS) before beginning of the start bit of
the first byte out
it goes low again 12uS after the end of the last byte stop-bit
This output can be polled, or used as an interrupt, to detect the arrival of a data byte (or bytes)
(tx measurements made on 32byte bursts, default mode 'send on buffer full)
On transmit, the FLOW output goes high 80uS after the end of the 32nd byte
(about 25-30mS after this point, the tx keys up and starts sending the burst)
it returns to low when the transmitter has ramped fully down
A 32 byte burst takes around 250mS to send, from first byte into tx, to last out of rx
(it's about 218mS from the start of the first byte in to the FLOW output returning low)
For a 32 byte burst, FLOW is high for about 185mS
Although such asynchronous operation is not really recommended (especially for timing-uncertain devices
like PCs, and especially when running high level languages and/or multiple applications), it is also possible
to send a 32 byte burst roughly every 225mS, for an aggregate throughput of about 140 bytes per second
(1400 baud)
(this is not the intended operating mode for the devices, but it does give an idea of the capabilities)
It would be much better (if maximum data rate was wanted) to send a (32byte) burst when the FLOW output
is low
The MODE byte
This is a value stored in EEPROM, that selects the various operating functions of the radio. Be careful. By
setting this incorrectly you can disable your radio link
Factory default (send when buffer full, clear buffer on exit from setup mode) is selected by MVALUE 0
Functions of the mode byte bits.
Bit0
when zero the PLT will send when it's buffer is full
Bit1
when zero the PLT clears the data buffer on exit from command mode
Bit2
set:
send burst on entering command mode (if buffer has any data in it)
Bit3
set:
send burst on stop-bit over-run (ie: serial pin is low for more than 1.04mS)
Bit4
set:
clear data buffer on stop-bit over-run
Bit5
set:
send burst on receiving the character specified by SVALUE in the datastream
Bit6
set:
send burst if the gap following a character exceeds approx 4.2mS
Bit7
reserved
Additionally, there are a few command mode characters that can be used :
>
send burst (if data is present in the buffer)
<
clear data buffer
Obviously:
bit 3 and bit 4 should not be set at the same time
bit 1 should be set if a command mode controlled send is used with a 'bouncy' CMD drive
(switch)
if bit 2 is set then it doesn't matter what bit 1 is doing !
Bit 6 (timeout mode) is best used with BVALUE 32 and other bits inactive
To generate a stop-bit over-run, either pull down the serial input pin for over 1.04mS (1 byte at `
9600 baud),
Or send a 00 (null, CTRL @ character ) at a slower baud rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com