Electronic Components Datasheet Search
  English  ▼

X  

ICX249AL Datasheet(PDF) 2 Page - Sony Corporation

Part # ICX249AL
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX249AL Datasheet(HTML) 2 Page - Sony Corporation

  ICX249AL Datasheet HTML 1Page - Sony Corporation ICX249AL Datasheet HTML 2Page - Sony Corporation ICX249AL Datasheet HTML 3Page - Sony Corporation ICX249AL Datasheet HTML 4Page - Sony Corporation ICX249AL Datasheet HTML 5Page - Sony Corporation ICX249AL Datasheet HTML 6Page - Sony Corporation ICX249AL Datasheet HTML 7Page - Sony Corporation ICX249AL Datasheet HTML 8Page - Sony Corporation ICX249AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
– 2 –
ICX249AL
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
8
9
10
V
φ4
V
φ3
V
φ2
φSUB
GND
V
φ1
VL
GND
VDD
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Substrate clock
GND
Vertical register transfer clock
Protective transistor bias
GND
Output circuit supply voltage
Signal output
11
12
13
14
15
16
17
18
19
20
VGG
VDSUB
VSS
GND
GND
RD
φRG
NC
H
φ1
H
φ2
Output circuit gate bias
Substrate bias circuit supply voltage
Output circuit source
GND
GND
Reset drain bias
Reset gate clock
Horizontal register transfer clock
Horizontal register transfer clock
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Note)
Note)
: Photo sensor
Horizontal Register
17
18
19
20
Block Diagram and Pin Configuration
(Top View)
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com