Electronic Components Datasheet Search
  English  ▼

X  

1111102 Datasheet(PDF) 48 Page - Tyco Electronics

Part # 1111102
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1111102 Datasheet(HTML) 48 Page - Tyco Electronics

Back Button 1111102 Datasheet HTML 44Page - Tyco Electronics 1111102 Datasheet HTML 45Page - Tyco Electronics 1111102 Datasheet HTML 46Page - Tyco Electronics 1111102 Datasheet HTML 47Page - Tyco Electronics 1111102 Datasheet HTML 48Page - Tyco Electronics 1111102 Datasheet HTML 49Page - Tyco Electronics 1111102 Datasheet HTML 50Page - Tyco Electronics 1111102 Datasheet HTML 51Page - Tyco Electronics 1111102 Datasheet HTML 52Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 85 page
background image
SB Thermal transfer printable self-laminating labels
48
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Self-Laminating Labels
Tyco Electronics SB is a thermal transfer printable, translucent
vinyl film with a permanent acrylic adhesive, supplied with a white
printable area, which is over-laminated upon application with the
translucent portion of the label. This ‘self-laminating’ feature
protects the printed area from exposure to oil, solvents, water and
abrasion. SB labels offer excellent conformability to round,
irregular or flexible surfaces. Ideal for wire and cable identification,
including flat ribbon cables that are subject to repeated bending,
they are UL Listed. For reliable print performance and durability,
use with Tyco Electronics TMS-RJS-RIBBON-4RPSCE series ribbon.
Features and benefits
I Manufactured with a white coated area for
printing, and with a clear tail to wind around a wire
or cable over the printed surface to seal out impurities
that would cause the label to become illegible
I Protects printed information from chemicals and frequent
handling
I Designed to withstand exposure to oil, solvents, and water
SB 100 225 WE 5
Part numbering system
Pack size
Color
Label length
Label width
Product family
Temperature rating
Operating temperature range
–40°C to +80°C
–40°F to +176°F
Specifications/approvals
Tyco Electronics
TTDS- 052
Industry
UL MH17001 (Group PGDQ2)
MH17292 (Group PGJI2)
Printer information
Tyco Electronics printer
T308S*
(thermal transfer)
Tyco Electronics ribbon
TMS-RJS-RIBBON-4RPSCE*
(thermal transfer)
* Alternative printers and ribbons are available
for special applications. Contact Tyco
Electronics Identification for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com