Electronic Components Datasheet Search
  English  ▼

X  

PXD10PB Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PXD10PB
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10PB Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PXD10PB Datasheet HTML 1Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 2Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 3Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 4Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 5Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 6Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 7Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
PXD10 Product Brief, Rev. 1
Features
Freescale Semiconductor
4
2.2
PXD10 Block Diagram
Figure 1 shows a top-level block diagram of the PXD10 microcontrollers.
Figure 1. PXD10 Block Diagram
Crossbar Switch (XBAR)
PXD10 Block Diagram
Integer
Multiply
e200z0 Core
Unit
Execution
Unit
Instruction
Unit
VLE
General
Load/Store
Unit
Purpose
Registers
(32 x 32-bit)
Branch
Unit
INTC
JTAG
Peripheral I/O Bridge (PBRIDGE)
Oscillators
BAM
RTC
PLL
PIT
SWT
Aux PLL
VREG
STM
Data Bus
Instruction Bus
Memory Protection Unit (MPU)
UART/LIN
ADC
LCD Seg
SPI
I2C
eMIOS
CAN
SIU
SMD SSD
RAM
Controller
QuadSPI
EEPROM
(Emulation)
Flash
(ECC)
RAM
Controller
Flash Controller
Flash
(ECC)
Graphics
SRAM
SRAM
(ECC)
Nexus2+
Display
Control
Unit
(TFTs)
eDMA
ADC
– Analog-to-digital converter
BAM
– Boot assist module
CAN
– Controller area network controller
ECC
– Error correction code
eDMA
– Enhanced direct memory access controller
eMIOS
– Timed input/output
I2C
– Inter-integrated circuit controller
INTC
– Interrupt controller
JTAG
– Joint Test Action Group interface
LCD
– Liquid crystal display
PIT
– Periodic interrupt timer
PLL
– Phase-locked loop
RTC
– Real time clock
SIU
– System integration unit
SMD SSD – Stepper motor driver/stepper stall detect
SPI
– Serial peripheral interface controller
SRAM
– Static random-access memory
STM
– System timer module
SWT
– Software watchdog timer
UART/LIN – Universal asynchronous receiver/transmitter/
local interconnect network
VLE
– Variable-length execution set
VREG
– Voltage regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com