Electronic Components Datasheet Search
  English  ▼

X  

PXD1005 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # PXD1005
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD1005 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  PXD1005 Datasheet HTML 1Page - Freescale Semiconductor, Inc PXD1005 Datasheet HTML 2Page - Freescale Semiconductor, Inc PXD1005 Datasheet HTML 3Page - Freescale Semiconductor, Inc PXD1005 Datasheet HTML 4Page - Freescale Semiconductor, Inc PXD1005 Datasheet HTML 5Page - Freescale Semiconductor, Inc PXD1005 Datasheet HTML 6Page - Freescale Semiconductor, Inc PXD1005 Datasheet HTML 7Page - Freescale Semiconductor, Inc PXD1005 Datasheet HTML 8Page - Freescale Semiconductor, Inc PXD1005 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
PXD10 Product Brief, Rev. 1
Application Examples
Freescale Semiconductor
2
TFT displays driven via the on-chip Display Control Unit (DCU). See Table 1 for specific memory and
feature sets of the product family members.
The PXD10 family benefits from the extensive development infrastructure for Power Architecture
devices, which is already well established. This includes full support from available software drivers,
operating systems, and configuration code to assist with users’ implementations. See Section 3, Developer
support, for more information.
1
Application Examples
The PXD10 family’s integrated display and motor control capability makes it suitable for applications such
as:
•
Factory display units
•
Building control display units
•
Ruggedized displays
•
Industrial instrumentation
•
Multi-stepper motor control
2Features
This section describes the features of the PXD10 family.
2.1
PXD10 Features
Table 1 displays the PXD10 feature set.
Table 1. PXD10 family feature set
Feature
PXD1005
PXD1010
CPU
e200z0h
Execution speed
Static – 64 MHz
Flash (ECC)
512 KB
1 MB
EEPROM Emulation Block (ECC)
4 × 16 KB
RAM (ECC)
48 KB
Graphics RAM
No
160 KB
MPU
12 entry
eDMA
16 channels
Display Control Unit (DCU)
No
Yes
Parallel Data Interface
No
Yes
Stepper Motor Controller (SMC)
6 motors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com