Electronic Components Datasheet Search
  English  ▼

X  

LB1946 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1946
Description  PWM Current Control Stepping Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1946 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1946 Datasheet HTML 1Page - Sanyo Semicon Device LB1946 Datasheet HTML 2Page - Sanyo Semicon Device LB1946 Datasheet HTML 3Page - Sanyo Semicon Device LB1946 Datasheet HTML 4Page - Sanyo Semicon Device LB1946 Datasheet HTML 5Page - Sanyo Semicon Device LB1946 Datasheet HTML 6Page - Sanyo Semicon Device LB1946 Datasheet HTML 7Page - Sanyo Semicon Device LB1946 Datasheet HTML 8Page - Sanyo Semicon Device LB1946 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LB1946
No.7115-3/16
AC Electrical Characteristics at VCC = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
Clock frequency
fclk
VCC=5.0V
200
550
kHz
Data setup time
tDS
VCC=5.0V
0.9
2.5
µs
Data hold time
tDH
VCC=5.0V
0.9
2.5
µs
Minimum clock high-level pulse width
tSCH
VCC=5.0V
0.9
2.5
µs
Minimum clock low-level pulse width
tSCL
VCC=5.0V
0.9
2.5
µs
SET pin stipulated time
tlat
VCC=5.0V
0.9
2.5
µs
SET pin signal pulse width
tlatw
VCC=5.0V
1.9
5.0
µs
VCC=3.3V Specification
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Ratings
Unit
Emitter output voltage
VE
0.5
V
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Motor system supply voltage
VBB
10 to 45
V
Logic system supply voltage
VCC
3.0 to 3.6
V
Reference voltage
VREF
0.0 to 1.0
V
Electrical Characteristics at Ta = 25
°C, VCC = 3.3V, VBB = 45V, VREF = 1.0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
Output Block
IBB ON
1.6
2.4
3.5
mA
Output stage supply current
IBB OFF
1.3
1.9
2.5
mA
Output saturation voltage 1
VOsat1
IO=+1.0A (sink)
1.3
1.7
V
Output saturation voltage 2
VOsat2
IO=+1.5 A (sink)
1.6
2.0
V
Output saturation voltage 3
VOsat3
IO=-1.0 A (source)
1.9
2.2
V
Output saturation voltage 4
VOsat4
IO=-1.5 A (source)
2.2
2.4
V
IO1 (leak)
VO=VBB (sink)
50
µA
Output leakage current
IO2 (leak)
VO=0V (source)
-50
µA
Output sustain voltage
VO sus
L=15mH IO=-1.5A *
45
V
*Design guaranteed value
Continued on next page.
CLK
SET
D4
D5
D6
D10
D11
tDS tDH
tSCL
tSCH
tlat
fclk
tlatw
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com