Electronic Components Datasheet Search
  English  ▼

X  

PXR40 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PXR40 Datasheet HTML 1Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 2Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 3Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 4Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 5Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 6Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 7Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 8Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
PXR40 Microcontroller Data Sheet, Rev. 1
PXR40 features
Freescale Semiconductor
4
Note: 3.3 V is required for certain IO segments only during debug/development (e.g., Nexus 3 trace and bus)
Code memory
24 KB
Data memory
6 KB
Interrupt controller
448
ADC
64 channel
eQADC_A
Yes
eQADC_B
Yes
Temperature sensor
Yes
Variable gain amp.
Yes
Decimation filter
Yes (8 on eQADC_B)
Sensor diagnostics
Yes
PLL
FM
VRC
Yes
Supplies
5V
Low Power Modes
Stop Mode
Slow Mode
Table 1. PXR40 feature set (continued)
Feature
PXR40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com