Electronic Components Datasheet Search
  English  ▼

X  

PXR40PB Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 6Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 7Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 9Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 10Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 11Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 12Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 13Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Features
Freescale Semiconductor
10
The following features are implemented:
•
Four independent timer channels
•
Each channel includes 32-bit wide down counter with automatic reload
•
Three channels clocked from system clock
•
One channel clocked from crystal clock (wake-up timer)
•
Wake-up timer remains active when system enters stop mode. Used to restart system clock after
predefined time-out period
•
Each channel can optionally generate interrupt request when timer reaches zero
•
Channels can optionally produce trigger event when timer reaches zero (used to trigger eQADC
queues)
2.5.9
System timer module (STM)
The system timer module (STM) is a 32-bit timer designed to support commonly required operating
system and application software timing functions. The STM includes a 32-bit up counter and four 32-bit
compare channels with a separate interrupt source for each channel.
The following features are implemented:
•
One 32-bit up counter with 8-bit prescaler
•
Four 32-bit compare channels
•
Independent interrupt source for each channel
•
Counter can be stopped in debug mode
2.5.10
Enhanced queued analog to digital converter (eQADC)
The enhanced queued analog to digital converter (eQADC) block provides accurate and fast conversions
for a wide range of applications. The two eQADCs on the PXR40 provide a parallel interface to four
on-chip analog to digital converters (ADC), and a single-master to single-slave serial interface to an
off-chip external device.
The ADCs include features designed to allow the direct connection of high impedance acoustic sensors
that might be used in a system for detecting engine knock. These features include differential inputs;
integrated variable gain amplifiers for increasing the dynamic range; programmable pullup and pulldown
resistors for biasing and sensor diagnostics.
eQADC_B also integrates four programmable decimation filters capable of taking in ADC conversion
results at a high rate, passing them through a hardware low-pass filter, then down-sampling the output of
the filter and feeding the lower sample rate results to the result FIFOs. This allows the ADCs to sample
the sensor at a rate high enough to avoid aliasing of out-of-band noise, while providing a reduced sample
rate output to minimize the amount of DSP processing bandwidth required to fully process the digitized
waveform.
The eQADCs provide the following features:
•
Quad on-chip ADCs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com