Electronic Components Datasheet Search
  English  ▼

X  

PXS3015 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # PXS3015
Description  PXS30 Family Built on Power Architecture짰 Technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXS3015 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  PXS3015 Datasheet HTML 1Page - Freescale Semiconductor, Inc PXS3015 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Freescale, the Freescale logo and CodeWarrior are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. SafeAssure
and the SafeAssure logo are trademarks of Freescale Semiconductor, Inc. The Power Architecture and Power.org word marks and the
Power and Power.org logos and related marks are trademarks and service marks licensed by Power.org. All other product or service
names are the property of their respective owners. © 2012 Freescale Semiconductor, Inc.
Document Number: PXS30FS REV 1
For current information about PXS30 family products
and documentation, please visit freescale.com/PXS30
and freescale.com/Tower
Temperature Range: -40ºC to +105ºC: Select Parts +125°C
Product Number
Speed (MHz)
Flash/RAM
Package
PXS3010
150
1 MB/256 KB
257 MAPBGA
PXS3015
180
1.5 MB/384 KB
473 MAPBGA
PXS3020
180
2 MB/512 KB
473 MAPBGA
Selector Guide
Challenges and Solutions
System Challenges
PXS30 Solutions
Reduce System
Costs and Simplify
Design
• Reduces design complexity and component count by putting key functional
safety features on a single chip
• Dual processing spheres, including CPU, DMA, interrupt controller, crossbar and
MPU for logic level fault detection
• Dual z7 CPU architecture provides performance to address real-time applications and
cross-checking functions common in many safety strategies, which reduces hardware
and software complexity used in multiple MCU designs. The architecture can be run in
two statistically configurable modes of operation.
• Lockstep operation provides a software environment for redundant processing
and calculations
• Independent core operation (dual parallel mode) provides a software environment
for diverse processing and calculations to increase performance or to cross
check for reliable operation
• Built-in flexible hardware self-test capabilities provide diagnostic coverage both
at logic and memory level
• Fault collection and control unit manages MCU behavior in the event internal
MCU logic faults and signals these to external system components
• FlexRay™ protocol and safety ports for robust communications
• Probability of undetected failure per hour (PFH) = 0.1 FIT (one failure per every
10 billion hours)
• Designed to target safety requirements outlined in IEC61511 and IEC61508
(SIL3), which reduces system cost and effort
Precise Control
for Real-Time
Applications
• e200 z7 CPU at 180 MHz provides computational performance targeted at
vector-oriented control of motor applications
• Dual-core architecture provides computation ability for complex applications or
cross-checking requirements of safety applications
• Precise control of integrated electric motor control periphery
• Advanced PWM for specialized multi-phase motor control requirements
• Configurable alignment
• High frequency above 100 MHz
• Dead time insertion
• Skew correction
• Cross-triggering unit coordinates ADC, timer and PWM generation and
minimizes CPU interrupt load eTimer units handle rotor position and speed
acquisition and offer six dual-action IC/OC channels with incremental/quadrature
encoder mode
• Two 12-bit ADCs offer precise conversion for an improved driving experience
• FlexRay protocol for fault-tolerant communications with other networked
modules within the vehicle
• Up to 2 MB flash
• Up to 512 KB SRAM
• Motor control library of common functions
• Ability to control two three-phase motors
The PXS30 dual-core architecture can be
statically switched from lockstep mode
to decoupled parallel mode (independent
core operation) for applications needing
maximum performance or software diversity.
A wide variety of industrial applications can
be supported, such as motion and power
control. For example, the new cross-triggering
unit allows control of up to two brushless DC
motors or multiple actuators with a minimum
interrupt load. Additional features include
Ethernet, a fault collection unit, multiple
communication modules, two 12-bit ADCs,
eTimer units and a built-in hardware self test.
SafeAssure Program:
Functional Safety. Simplified.
Freescale’s SafeAssure functional safety
program is designed to help system
manufacturers more easily achieve system
compliance with functional safety standards:
International Standards Organization (ISO)
26262 and IEC 61508. The program
highlights Freescale solutions—hardware
and software—that are optimally designed to
support functional safety implementations and
come with a rich set of enablement collateral.
For more information, visit
freescale.com/SafeAssure.
Development Tools
• MQX™
• RAppID
• FreeMASTER
• CodeWarrior
• Green Hills Software
• Tower System



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com