Electronic Components Datasheet Search
  English  ▼

X  

W2RF002RF Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # W2RF002RF
Description  Most Suitable IC for Controlling LED Effects within Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RF002RF Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button W2RF002RF Datasheet HTML 2Page - Omron Electronics LLC W2RF002RF Datasheet HTML 3Page - Omron Electronics LLC W2RF002RF Datasheet HTML 4Page - Omron Electronics LLC W2RF002RF Datasheet HTML 5Page - Omron Electronics LLC W2RF002RF Datasheet HTML 6Page - Omron Electronics LLC W2RF002RF Datasheet HTML 7Page - Omron Electronics LLC W2RF002RF Datasheet HTML 8Page - Omron Electronics LLC W2RF002RF Datasheet HTML 9Page - Omron Electronics LLC W2RF002RF Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LED Control IC
W2RF002RF
9
Precautions for Use
■ Correct Use
• The absolute maximum rating is the limit value which should not be
exceeded even in a flash. Exceeding this value can cause deterio-
ration of the characteristics or complete failure of the IC.
• Check the operation at the communication frequency to be used
before using the device.
• Sufficiently take into consideration the static electricity, chattering
and voltage of the input to be connected when determining each
input circuit.
• Although the device contains an ESD protection circuit, static elec-
tricity that exceeds the function may damage the device. When
handling the device, exercise due caution by, for example, ground-
ing the human body.
• Due to potential damage, do not use product that has been
dropped or that has come into contact with water.
■ Recommended Reflow
Conditions
Allowable Temperature Profile Conditions
Product mounting method should be by Reflow and we recommend
the following temperature profile. Reflow no more than two times,
maximum.
Storage Conditions before Mounting
Moisture absorption by the plastic package will increase the possibil-
ity of faults, such as cracks; therefore, take enough care for storage.
■ RoHS Directive Compliance
Models that are indicated as being RoHS compliant are free of the
following six substances.
Lead:
1,000 ppm max.
Mercury:
1,000 ppm max.
Cadmium:
100 ppm max.
Hexavalent chromium:
1,000 ppm max.
PBB:
1,000 ppm max.
PBDE:
1,000 ppm max.
■ Lot Code Indication
Storage Conditions
Period
5 to 30°C, 40 to 70%RH
One Year
Time
10s (max)
250°C
260°C (max)
60~120s
140°C
200°C
220°C
60s (max)
Control Code: Three-digit
alphanumeric characters
Production year: The last one
digit of the year
Production week: Serial number
starting from week01 including
January1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com