Electronic Components Datasheet Search
  English  ▼

X  

ICX259AL Datasheet(PDF) 7 Page - Sony Corporation

Part # ICX259AL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX259AL Datasheet(HTML) 7 Page - Sony Corporation

Back Button ICX259AL Datasheet HTML 3Page - Sony Corporation ICX259AL Datasheet HTML 4Page - Sony Corporation ICX259AL Datasheet HTML 5Page - Sony Corporation ICX259AL Datasheet HTML 6Page - Sony Corporation ICX259AL Datasheet HTML 7Page - Sony Corporation ICX259AL Datasheet HTML 8Page - Sony Corporation ICX259AL Datasheet HTML 9Page - Sony Corporation ICX259AL Datasheet HTML 10Page - Sony Corporation ICX259AL Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
– 7 –
ICX259AL
Clock Switching Characteristics
Item
Readout clock
Vertical transfer
clock
Reset gate clock
Substrate clock
VT
V
φ1, Vφ2,
V
φ3, Vφ4
H
φ1
H
φ2
H
φ1
H
φ2
φRG
φSUB
2.3
26
26
11
1.5
2.5
28.5
28.5
5.38
13
1.8
26
26
28.5
28.5
5.38
51
0.5
6.5
6.5
0.01
0.01
3
9.5
9.5
0.5
15
0.5
6.5
6.5
0.01
0.01
3
250
9.5
9.5
0.5
µs
ns
ns
µs
ns
µs
During
readout
∗1
∗2
During drain
charge
Symbol
twh
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
twl
tr
tf
Unit
Remarks
∗1 When vertical transfer clock driver CXD1267AN is used.
∗2 tf ≥ tr – 2ns, and the cross-point voltage (V
CR
) for the H
φ1 rising side of the Hφ1 and Hφ2 waveforms must be
at least V
φH/2 [V].
During
imaging
During
parallel-serial
conversion
Item
Horizontal transfer clock
H
φ1, Hφ2
22
26
ns
∗3
Symbol
two
Min.
Typ.
Max.
Unit
Remarks
∗3 The overlap period for twh and twl of horizontal transfer clocks Hφ
1
and H
φ2 is two.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com