Electronic Components Datasheet Search
  English  ▼

X  

ICX059CL Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX059CL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX059CL Datasheet(HTML) 1 Page - Sony Corporation

  ICX059CL Datasheet HTML 1Page - Sony Corporation ICX059CL Datasheet HTML 2Page - Sony Corporation ICX059CL Datasheet HTML 3Page - Sony Corporation ICX059CL Datasheet HTML 4Page - Sony Corporation ICX059CL Datasheet HTML 5Page - Sony Corporation ICX059CL Datasheet HTML 6Page - Sony Corporation ICX059CL Datasheet HTML 7Page - Sony Corporation ICX059CL Datasheet HTML 8Page - Sony Corporation ICX059CL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ICX259AL
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
Description
The ICX259AL is an interline CCD solid-state
image sensor suitable for CCIR B/W video cameras
with a diagonal 6mm (Type 1/3) system. Compared
with
the
current
product
ICX059CL,
basic
characteristics such as sensitivity, smear, dynamic
range and S/N are improved drastically from visible
light region to near infrared light region through the
adoption of EXview HAD CCDTM technology.
This chip features a field period readout system and
an electronic shutter with variable charge-storage
time.
Features
• Sensitivity in near infrared light region
(+8dB compared with the ICX059CL,
λ = 945nm)
• High sensitivity (+7dB compared with the ICX059CL, no IR cut filter)
• Low smear (–20dB compared with the ICX059CL)
• High D range (+5dB compared with the ICX059CL)
• High S/N
• High resolution and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• No voltage adjustment
(Reset gate and substrate bias are not adjusted.)
• Reset gate:
5V drive
• Horizontal register: 5V drive
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 6mm (Type 1/3)
• Number of effective pixels: 752 (H)
× 582 (V) approx. 440K pixels
• Total number of pixels:
795 (H)
× 596 (V) approx. 470K pixels
• Chip size:
6.00mm (H)
× 4.96mm (V)
• Unit cell size:
6.50µm (H)
× 6.25µm (V)
• Optical black:
Horizontal (H) direction : Front 3 pixels, rear 40 pixels
Vertical (V) direction
: Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 22
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
E99526A99
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Pin 1
V
3
40
2
12
Pin 9
H
Optical black position
(Top View)
∗
EXview HAD CCD is a trademark of Sony Corporation.
EXview HAD CCD is a CCD that drastically improves light efficiency by including near infrared light region as a basic structure of
HAD (Hole-Accumulation-Diode) sensor.
TM
16 pin DIP (Plastic)


Similar Part No. - ICX059CL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX059CL SONY-ICX059CL Datasheet
204Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR Black-and-White Video Camera
More results

Similar Description - ICX059CL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX055BL SONY-ICX055BL Datasheet
200Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX059ALB SONY-ICX059ALB Datasheet
438Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Cameras?
ICX254AL SONY-ICX254AL Datasheet
185Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX255AL SONY-ICX255AL Datasheet
187Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX409AL SONY-ICX409AL Datasheet
172Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX405AL SONY-ICX405AL Datasheet
174Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com