Electronic Components Datasheet Search
  English  ▼

X  

ICX278AL Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX278AL
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX278AL Datasheet(HTML) 5 Page - Sony Corporation

  ICX278AL Datasheet HTML 1Page - Sony Corporation ICX278AL Datasheet HTML 2Page - Sony Corporation ICX278AL Datasheet HTML 3Page - Sony Corporation ICX278AL Datasheet HTML 4Page - Sony Corporation ICX278AL Datasheet HTML 5Page - Sony Corporation ICX278AL Datasheet HTML 6Page - Sony Corporation ICX278AL Datasheet HTML 7Page - Sony Corporation ICX278AL Datasheet HTML 8Page - Sony Corporation ICX278AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
– 5 –
ICX278AL
Drive Clock Waveform Conditions
(1) Readout clock waveform
(2) Vertical transfer clock waveform
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)
100%
90%
10%
0%
tr
tf
0V
twh
φM
2
φM
VVT
VVH1
VVHH
VVHL
VVH
VVLH
VVL1
VVLL
VVHL
VVHH
VVL
VVHH
VVH
VVLH
VVLL
VVL
VVHL
VVL3
VVHL
VVH3
VVHH
VVH2
VVHH
VVHH
VVHL
VVHL
VVH
VVLH
VVL2
VVLL
VVL
VVH
VVL
VVHL
VVLH
VVLL
VVHL
VVH4
VVHH
VVHH
VVL4
V
φ1
V
φ3
V
φ2
V
φ4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com