Electronic Components Datasheet Search
  English  ▼

X  

ICX285AL Datasheet(PDF) 2 Page - Sony Corporation

Part # ICX285AL
Description  Diagonal 11 mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX285AL Datasheet(HTML) 2 Page - Sony Corporation

  ICX285AL Datasheet HTML 1Page - Sony Corporation ICX285AL Datasheet HTML 2Page - Sony Corporation ICX285AL Datasheet HTML 3Page - Sony Corporation ICX285AL Datasheet HTML 4Page - Sony Corporation ICX285AL Datasheet HTML 5Page - Sony Corporation ICX285AL Datasheet HTML 6Page - Sony Corporation ICX285AL Datasheet HTML 7Page - Sony Corporation ICX285AL Datasheet HTML 8Page - Sony Corporation ICX285AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
– 2 –
ICX285AL
Block Diagram and Pin Configuration (Top View)
Pin Description
Pin No.
1
2
3
4
5
6
7
8
9
10
Description
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
GND
GND
Symbol
V
φ1
V
φ2A
NC
V
φ2B
NC
NC
V
φ4
V
φ3
GND
GND
Pin No.
11
12
13
14
15
16
17
18
19
20
Symbol
VOUT
VDD
φRG
H
φ2
H
φ1
φSUB
CSUB
VL
H
φ1
H
φ2
Description
Signal output
Supply voltage
Reset gate clock
Horizontal register transfer clock
Horizontal register transfer clock
Substrate clock
Substrate bias*1
Protective transistor bias
Horizontal register transfer clock
Horizontal register transfer clock
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
Horizontal register
Note)
Note)
: Photo sensor
*1
DC bias is generated within the CCD, so that this pin should be grounded externally through a capacitance of
0.1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com