Electronic Components Datasheet Search
  English  ▼

X  

ENA2113 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # ENA2113
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2113 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button ENA2113 Datasheet HTML 9Page - Sanyo Semicon Device ENA2113 Datasheet HTML 10Page - Sanyo Semicon Device ENA2113 Datasheet HTML 11Page - Sanyo Semicon Device ENA2113 Datasheet HTML 12Page - Sanyo Semicon Device ENA2113 Datasheet HTML 13Page - Sanyo Semicon Device ENA2113 Datasheet HTML 14Page - Sanyo Semicon Device ENA2113 Datasheet HTML 15Page - Sanyo Semicon Device ENA2113 Datasheet HTML 16Page - Sanyo Semicon Device ENA2113 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
STK672-543-E
No. A2113-13/22
2. Calculating STK672-543-E HIC Internal Power Loss
The average internal power loss in each excitation mode of the STK672-543-E can be calculated from the following
formulas.
Each excitation mode
2-phase excitation mode
2PdAVex= (Vsat+Vdf)
×0.5×CLOCK×IOH×t2+0.5×CLOCK×IOH× (Vsat×t1+Vdf×t3)
1-2 phase excitation mode
1-2PdAVex= (Vsat+Vdf)
×0.25×CLOCK×IOH×t2+0.25×CLOCK×IOH× (Vsat×t1+Vdf×t3)
Motor hold mode
HoldPdAVex= (Vsat+Vdf)
×IOH
Vsat: Combined voltage represented by the Ron voltage drop+shunt resistor
Vdf: Combined voltage represented by the MOSFET body diode+shunt resistor
CLOCK: Input CLOCK (CLOCK pin signal frequency)
t1, t2, and t3 represent the waveforms shown in the figure below.
t1: Time required for the winding current to reach the set current (IOH)
t2: Time in the constant current control (PWM) region
t3: Time from end of phase input signal until inverse current regeneration is complete
Motor COM Current Waveform Model
t1= (-L/(R+0.28)) ln (1-((R+0.28)/VCC) ×IOH)
t3= (-L/R) ln ((VCC+0.28)/(IOH×R+VCC+0.28))
VCC: Motor supply voltage (V)
L: Motor inductance (H)
R: Motor winding resistance (
Ω)
IOH: Motor set output current crest value (A)
Relationship of CLOCK, t1, t2, and t3 in each excitation mode
2-phase excitation mode: t2= (2/CLOCK) - (t1+t3)
1-2 phase excitation mode: t2= (3/CLOCK) -t1
For Vsat and Vdf, be sure to substitute values from the graphs of Vsat vs. IOH and Vdf vs. IOH while the set current
value is IOH.
Then, determine whether a heat sink is required by comparing with the graph of
ΔTc vs. Pd based on the average HIC
power loss calculated.
When designing a heat sink, refer to the section “STK672-543-E Thermal design” found on the next page. The
average HIC power loss, PdAV, described above does not have the avalanche’s loss. To include the avalanche’s loss,
be sure to add Equation (2), “STK672-5** Allowable Avalanche Energy Value” to PdAV above. When using this IC
without a fin always check for temperature increases in the set, because the HIC substrate temperature, Tc, varies due
to effects of convection around the HIC.
IOH
0A
t1
t2
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com