Electronic Components Datasheet Search
  English  ▼

X  

ISO1540 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1540
Description  Low-Power Bidirectional I2C Isolators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO1540 Datasheet HTML 4Page - Texas Instruments ISO1540 Datasheet HTML 5Page - Texas Instruments ISO1540 Datasheet HTML 6Page - Texas Instruments ISO1540 Datasheet HTML 7Page - Texas Instruments ISO1540 Datasheet HTML 8Page - Texas Instruments ISO1540 Datasheet HTML 9Page - Texas Instruments ISO1540 Datasheet HTML 10Page - Texas Instruments ISO1540 Datasheet HTML 11Page - Texas Instruments ISO1540 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ISO1540
ISO1541
SLLSEB6A – JULY 2012 – REVISED OCTOBER 2012
www.ti.com
DEVICE INFORMATION
Table 2. IEC INSULATION AND SAFETY-RELATED SPECIFICATION FOR D-8 PACKAGE
Over recommended operating conditions, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Shortest terminal-to-terminal distance
L(I01)
Minimum air gap (Clearance)
4.8
mm
through air
Minimum external tracking
Shortest terminal-to-terminal distance
L(I02)
4.3
mm
(Creepage)
across the package surface
Tracking resistance (comparative
CTI
DIN IEC 60112 / VDE 0303 Part 1
>400
V
tracking index)
Minimum internal gap (internal
Distance through the insulation
0.014
mm
clearance)
VIO = 500 V, TA < 100°C
>1012
Ω
Isolation resistance, input to
RIO
output(1)
VIO = 500 V, 100°C ≤ TA
>1011
Ω
Barrier capacitance, input to
CIO
VIO = 0.4 x sin(2E6πt)
1
pF
output(1)
CI
Input capacitance(2)
See Electrical Characteristics
pF
(1)
All pins on each side of the barrier tied together creating a two-terminal device.
(2)
Measured from input pin to ground.
spacer
NOTE
Creepage and clearance requirements should be applied according to the specific
application isolation standards. Care should be taken to maintain these distances on a
board design to ensure that the mounting pads for the isolator do not reduce this distance.
Creepage and clearance on the printed-circuit board become equal in certain cases.
Techniques such as inserting grooves and/or ribs on the printed circuit board are used to
help increase these specifications.
Table 3. IEC 60747-5-2 INSULATION CHARACTERISTICS(1)
Over recommended operating conditions, unless otherwise noted
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
Maximum working insulation
VIORM
566
voltage
Method a, After environmental tests subgroup 1,
VPR = VIORM x 1.6, t = 10 sec,
906
Partial Discharge < 5 pC
Method b1, After environmental tests subgroup 1,
Input-to-Output test voltage per IEC
VPR
VPR = VIORM x 1.875, t = 1 sec (100% production),
1062
60747-5-2
VPEAK
Partial Discharge < 5 pC
After Input/Output safety test subgroup 2/3,
VPR = VIORM x 1.2, t = 10 sec,
680
Partial Discharge < 5 pC
VTEST = VOITM
Transient overvoltage per IEC
VIOTM
t = 60 sec (qualification)
4000
60747-5-2
t = 1 sec (100% production)
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
(1)
Climatic Classification 40/125/21
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com