Electronic Components Datasheet Search
  English  ▼

X  

ISO1540D Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1540D
Description  Low-Power Bidirectional I2C Isolators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540D Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO1540D Datasheet HTML 9Page - Texas Instruments ISO1540D Datasheet HTML 10Page - Texas Instruments ISO1540D Datasheet HTML 11Page - Texas Instruments ISO1540D Datasheet HTML 12Page - Texas Instruments ISO1540D Datasheet HTML 13Page - Texas Instruments ISO1540D Datasheet HTML 14Page - Texas Instruments ISO1540D Datasheet HTML 15Page - Texas Instruments ISO1540D Datasheet HTML 16Page - Texas Instruments ISO1540D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
VCC1
VCC2
GND1
GND2
8
7
4
5
4
XOUT
XIN
5
6
2
MSP430
G2132
1
2
3
ISO1541
DVss
DVcc
0.1μF
0.1μF
0.1μF
6
SDA
SCL
9
8
10μF
VS
0.1μF
MBR0520L
MBR0520L
1:2.2
0.1μF
3
1
D2
SN6501
D1
Vcc
4,5
2
GND
3.3V
IN
ON
GND
OUT
1
5
2
3
LP2981-50
10μF
10μF
SDA2
SDA1
SCL1
SCL2
1.5k
1.5k
1.5k
1.5k
0.1μF
8
VDD
GND
AIN0
2
1
9
10
SDA
SCL
4
ADDR
ADS1115
AIN3
RDY
3
4 Analog
Inputs
7
VIN
GND
VOUT
2
6
4
REF5040
1μF
22μF
0.1μF
4
VDD
VOUTA
11
10
SDA
SCL
1
DAC8574
VOUTD
8
GND
6
12
3
VREFH
A2
15
IOVDD
VREFL
5
4 Analog
Outputs
A3
16
A0
13
9
14
LDAC
A1
5VISO
5VISO
5VISO
5VISO
ISO-BARRIER
1Ω
ISO1540
ISO1541
www.ti.com
SLLSEB6A – JULY 2012 – REVISED OCTOBER 2012
Typical Application Circuit
Figure 11. Isolated I2C Data Acquisition System
In Figure 11, the ultra low-power micro controller, MSP430G2132, controls the I2C data traffic of configuration
data and conversion results for the analog inputs and outputs. Low-power data converters build the analog
interface to sensors and actuators. The ISO1541 provides the necessary isolation between different ground
potentials of the system controller, remote sensor, and actuator circuitry to prevent ground loop currents that
otherwise may falsify the acquired data.
The entire circuit operates from a single 3.3 V supply. A low-power push-pull converter, SN6501, drives a center-
tapped transformer whose output is rectified and linearly regulated to provide a stable 5 V supply for the data
converters.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com