Electronic Components Datasheet Search
  English  ▼

X  

RT7250B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT7250B
Description  2A, 17V, 340/800kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7250B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT7250B Datasheet HTML 6Page - Richtek Technology Corporation RT7250B Datasheet HTML 7Page - Richtek Technology Corporation RT7250B Datasheet HTML 8Page - Richtek Technology Corporation RT7250B Datasheet HTML 9Page - Richtek Technology Corporation RT7250B Datasheet HTML 10Page - Richtek Technology Corporation RT7250B Datasheet HTML 11Page - Richtek Technology Corporation RT7250B Datasheet HTML 12Page - Richtek Technology Corporation RT7250B Datasheet HTML 13Page - Richtek Technology Corporation RT7250B Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RT7250A/B
13
DS7250A/B-01 May 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 3. Derating Curve of Maximum Power Dissipation
Layout Consideration
Follow the PCB layout guidelines for optimal performance
of the RT7250A/B
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
SW node is with high frequency voltage swing and
should be kept at small area. Keep sensitive
components away from the SW node to prevent stray
capacitive noise pickup.
Place the feedback components to the FB pin as close
as possible.
The GND and Exposed Pad should be connected to a
strong ground plane for heat sinking and noise protection.
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
ΔILOAD (ESR) also begins to charge or discharge
COUT generating a feedback error signal for the regulator
to return VOUT to its steady-state value. During this
recovery time, VOUT can be monitored for overshoot or
ringing that would indicate a stability problem.
Thermal Considerations
For continuous operation, do not exceed the maximum
operation junction temperature 125
°C. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
Where TJ(MAX) is the maximum operation junction
temperature, TA is the ambient temperature and the
θJAis
the junction to ambient thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
SOP-8 (Exposed Pad) packages, the thermal resistance,
θJA, is 75°C/W on a standard JEDEC 51-7 four-layer
thermal test board. The maximum power dissipation at TA
= 25
°C can be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (75°C/W) = 1.333W for
SOP-8 (Exposed Pad) package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 3 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
VOUT
SW
VOUT
COUT
CIN
L
CBOOT
R2
R1
GND
Input capacitor must
be placed as close
to the IC as possible.
SW should be connected to
inductor by wide and short trace.
Keep sensitive components
away from this trace.
The resistor divider must be
connected as close to the
device as possible.
SW
VIN
BOOT
EN
NC
GND
FB
PGOOD
GND
2
3
4
5
6
7
8
9
Figure 4. PCB Layout Guide
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com