Electronic Components Datasheet Search
  English  ▼

X  

RT7256B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT7256B
Description  3A, 17V, 1.2MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7256B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT7256B Datasheet HTML 6Page - Richtek Technology Corporation RT7256B Datasheet HTML 7Page - Richtek Technology Corporation RT7256B Datasheet HTML 8Page - Richtek Technology Corporation RT7256B Datasheet HTML 9Page - Richtek Technology Corporation RT7256B Datasheet HTML 10Page - Richtek Technology Corporation RT7256B Datasheet HTML 11Page - Richtek Technology Corporation RT7256B Datasheet HTML 12Page - Richtek Technology Corporation RT7256B Datasheet HTML 13Page - Richtek Technology Corporation RT7256B Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RT7256B
13
DS7256B-00
February 2012
www.richtek.com
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
(d) Copper Area = 50mm
2 ,
θJA = 51°C/W
(e) Copper Area = 70mm2 ,
θJA = 49°C/W
Figure 7. Thermal Resistance vs. Copper Area Layout
Design
Layout Consideration
Follow the PCB layout guidelines for optimal performance
of the RT7256B.
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
SW node is with high frequency voltage swing and
should be kept at small area. Keep analog components
away from the SW node to prevent stray capacitive
noise pick-up.
An example of PCB layout guide is shown in Figure 9
for reference.
Figure 9. PCB Layout Guide
Table 3. Suggested Capacitors for CIN and COUT
Location
Component Supplier
Part No.
Capacitance (
μF)
Case Size
CIN
MURATA
GRM31CR61E106K
10
1206
CIN
TDK
C3225X5R1E106K
10
1206
CIN
TAIYO YUDEN
TMK316BJ106ML
10
1206
COUT
MURATA
GRM31CR60J476M
47
1206
COUT
TDK
C3225X5R0J476M
47
1210
COUT
MURATA
GRM32ER71C226M
22
1210
COUT
TDK
C3225X5R1C22M
22
1210
VIN
VOUT
GND
CIN
GND
SW
VOUT
COUT
L
R1
R2
Input capacitor must
be placed as close
to the IC as possible.
SW node is with high frequency voltage swing and should
be kept at small area. Keep analog components away from
the SW node to prevent stray capacitive noise pick-up
BOOT
VIN
SW
GND
SS
EN
FB
NC
GND
2
3
4
5
6
7
8
9
CSS
GND
CBOOT
VIN
REN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com