Electronic Components Datasheet Search
  English  ▼

X  

STM32F205RF Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32F205RF
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RF Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32F205RF Datasheet HTML 111Page - STMicroelectronics STM32F205RF Datasheet HTML 112Page - STMicroelectronics STM32F205RF Datasheet HTML 113Page - STMicroelectronics STM32F205RF Datasheet HTML 114Page - STMicroelectronics STM32F205RF Datasheet HTML 115Page - STMicroelectronics STM32F205RF Datasheet HTML 116Page - STMicroelectronics STM32F205RF Datasheet HTML 117Page - STMicroelectronics STM32F205RF Datasheet HTML 118Page - STMicroelectronics STM32F205RF Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 177 page
background image
STM32F20xxx
Electrical characteristics
Doc ID 15818 Rev 9
115/177
5.3.20
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 64 are derived from tests
performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage
conditions summarized in Table 12.
Table 64.
ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Power supply
1.8(1)
-3.6
V
VREF+
Positive reference voltage
1.8(1)(2)
-VDDA
V
fADC
ADC clock frequency
VDDA = 1.8
(1) to 2.4 V
0.6
-
15
MHz
VDDA = 2.4 to 3.6 V
0.6
-
30
MHz
fTRIG
(3)
External trigger frequency
fADC = 30 MHz with
12-bit resolution
-
-
1764
kHz
--
17
1/fADC
VAIN
Conversion voltage range(4)
0 (VSSA or VREF-
tied to ground)
-VREF+
V
RAIN
(3)
External input impedance
See Equation 1 for
details
--
50
k
Ω
RADC
(3)(5) Sampling switch resistance
1.5
-
6
k
Ω
CADC
(3)
Internal sample and hold
capacitor
-4
-
pF
tlat
(3)
Injection trigger conversion
latency
fADC = 30 MHz
-
-
0.100
µs
--
3(6)
1/fADC
tlatr
(3)
Regular trigger conversion latency
fADC = 30 MHz
-
-
0.067
µs
--
2(6)
1/fADC
tS
(3)
Sampling time
fADC = 30 MHz
0.100
-
16
µs
3
-
480
1/fADC
tSTAB
(3)
Power-up time
-
2
3
µs
tCONV
(3)
Total conversion time (including
sampling time)
fADC = 30 MHz
12-bit resolution
0.5
-
16.40
µs
fADC = 30 MHz
10-bit resolution
0.43
-
16.34
µs
fADC = 30 MHz
8-bit resolution
0.37
-
16.27
µs
fADC = 30 MHz
6-bit resolution
0.3
-
16.20
µs
9 to 492 (tS for sampling +n-bit resolution for successive
approximation)
1/fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com