Electronic Components Datasheet Search
  English  ▼

X  

STM32F205RF Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32F205RF
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32F205RF Datasheet HTML 19Page - STMicroelectronics STM32F205RF Datasheet HTML 20Page - STMicroelectronics STM32F205RF Datasheet HTML 21Page - STMicroelectronics STM32F205RF Datasheet HTML 22Page - STMicroelectronics STM32F205RF Datasheet HTML 23Page - STMicroelectronics STM32F205RF Datasheet HTML 24Page - STMicroelectronics STM32F205RF Datasheet HTML 25Page - STMicroelectronics STM32F205RF Datasheet HTML 26Page - STMicroelectronics STM32F205RF Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 177 page
background image
STM32F20xxx
Description
Doc ID 15818 Rev 9
23/177
Regulator ON
The regulator ON modes are activated by default on LQFP packages.On WLCSP66
package, they are activated by connecting both REGOFF and IRROFF pins to VSS, while
only REGOFF must be connected to VSS on UFBGA176 package (IRROFF is not available).
VDD minimum value is 1.8 V
(a).
There are three regulator ON modes:
●
MR is used in nominal regulation mode (Run)
●
LPR is used in Stop mode
●
Power-down is used in Standby mode:
The regulator output is in high impedance: the kernel circuitry is powered down,
inducing zero consumption (but the contents of the registers and SRAM are lost).
Regulator OFF
●
Regulator OFF/internal reset ON
On WLCSP66 package, this mode is activated by connecting REGOFF pin to VDD and
IRROFF pin to VSS. On UFBGA176 package, only REGOFF must be connected to VDD
(IRROFF not available).
The regulator OFF/internal reset ON mode allows to supply externally a 1.2 V voltage
source through VCAP_1 and VCAP_2 pins, in addition to VDD.
The following conditions must be respected:
–VDD should always be higher than VCAP_1 and VCAP_2 to avoid current injection
between power domains.
–
If the time for VCAP_1 and VCAP_2 to reach 1.08 V is faster than the time for VDD to
reach 1.8 V(a), then PA0 should be connected to the NRST pin (see Figure 6).
Otherwise, PA0 should be asserted low externally during POR until VDD reaches
1.8 V (see Figure 7).
In this mode, PA0 cannot be used as a GPIO pin since it allows to reset the part of the
1.2 V logic which is not reset by the NRST pin, when the internal voltage regulator in
OFF.
●
Regulator OFF/internal reset OFF
On WLCSP66 package, this mode activated by connecting REGOFF to VSS and
IRROFF to VDD. IRROFF cannot be activated in conjunction with REGOFF. This mode
is available only on the WLCSP package. It allows to supply externally a 1.2 V voltage
source through VCAP_1 and VCAP_2 pins, in addition to VDD.
The following conditions must be respected:
–VDD should always be higher than VCAP_1 and VCAP_2 to avoid current injection
between power domains (see Figure 6).
–
PA0 should be kept low to cover both conditions: until VCAP_1 and VCAP_2 reach
1.08 V, and until VDD reaches 1.65 V.
–
NRST should be controlled by an external reset controller to keep the device
under reset when VDD is below 1.65 V (see Figure 7).
a.
VDD minimum value is 1.7 V when the device operates in the 0 to 70 °C temperature range
and IRROFF is set to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com